Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCA75F-24 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza FCA75F-24
Descripción Electrónicos  Harmonic attenuator, PFC (Complies with IEC61000-3-2) High input voltage (AC187 - 528V)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

FCA75F-24 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FCA75F-24 Datasheet HTML 1Page - List of Unclassifed Manufacturers FCA75F-24 Datasheet HTML 2Page - List of Unclassifed Manufacturers FCA75F-24 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
¡RISE TIME & FALL TIME
¡STATIC CHARACTERISTICS
INPUT VOLTAGE
V 60Hz
¡INRUSH CURRENT
¡OVERCURRENT CHARACTERISTICS
OUTPUT CURRENT A
Io=100%
Ripple
Output Voltage
(AC 200V)
Io=100%
Io=50%
DC Output
AC Input
ACIN 480V
50ms/DIV
50ms/DIV
Input Voltage AC480V
60Hz
100%
Input voltage AC480V
Frequency
Load
150
160
170
180
190
200
210
220
230
240
250
24
22
20
18
16
14
12
10
8
25
50
75
100
25
20
15
10
5
0
26
24
22
20
18
16
14
12
2468
10
12
FCA
A-153
FCA75F
External view
Terminal
Block
(M4)
+V
-V
FG
AC(L)
AC(N)
+
-
FG
AC(L)
AC(N)
FCA75F-24
(37)
(12)
(7)
(8)
(24.5)
(15.5)
(11.5)
13max
124
LED
Voltage Adjust
18
65
45
Spacer
FCA75F-24-N1
only
FCA75F-24-N1
only
DIN Rail
Attachment
71.1±0.5
45.9
18max
Terminal Block Cover
119
º3.8
3-M3 Mounting Hole
¶Weight : 750g or less
¶Tolerance :
±1
¶Mounting torque : 0.6N•m
(6.3kgf
•cm)max
¶Dimensions in mm.
Performance data


Número de pieza similar - FCA75F-24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FCA75CC50 ETC-FCA75CC50 Datasheet
483Kb / 3P
   MOSFET MODULE
logo
SanRex Corporation
FCA75CC50 SANREX-FCA75CC50 Datasheet
340Kb / 21P
   MOSFET MODULE
More results

Descripción similar - FCA75F-24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
LEA50F ETC2-LEA50F Datasheet
156Kb / 3P
   Harmonic attenuator, PFC (Complies with IEC61000-3-2)
UAF500S-48 ETC2-UAF500S-48 Datasheet
169Kb / 3P
   Harmonic attenuator, PFC (Complies with IEC61000-3-2)
logo
HITRON ELECTRONICS CORP...
HEMP250G HITRON-HEMP250G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HVP300 HITRON-HVP300 Datasheet
131Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HVP600 HITRON-HVP600 Datasheet
128Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HEMP150G HITRON-HEMP150G Datasheet
54Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HIMP151 HITRON-HIMP151_11 Datasheet
997Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HVP950 HITRON-HVP950 Datasheet
129Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HEMP252G HITRON-HEMP252G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
logo
Powerbox
VI-HAM POWERBOX-VI-HAM Datasheet
707Kb / 1P
   AC INPUT HARMONIC ATTENUATOR MODULE
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com