Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5297 Datasheet(PDF) 1 Page - Microsemi Corporation

No. de pieza 1N5297
Descripción Electrónicos  CURRENT REGULATOR DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5297 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N5297 Datasheet HTML 1Page - Microsemi Corporation 1N5297 Datasheet HTML 2Page - Microsemi Corporation 1N5297 Datasheet HTML 3Page - Microsemi Corporation 1N5297 Datasheet HTML 4Page - Microsemi Corporation 1N5297 Datasheet HTML 5Page - Microsemi Corporation 1N5297 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
T4-LDS-0159, Rev. 2 (111541)
©2011 Microsemi Corporation
Page 1 of 6
1N5283-1 thru 1N5314-1
Available on
commercial
versions
CURRENT REGULATOR DIODES
Qualified per MIL-PRF-19500/463
Qualified Levels:
JAN, JANTX, JANTXV
and JANS
DESCRIPTION
The popular 1N5283-1 thru 1N5314-1 series of 0.5 watt current regulators provides a selection
from 0.22 mA to 4.7 mA in standard 10% tolerances. These devices regulate current over a
broad voltage range as a counter part offering to Zeners (that regulate voltage over a broad
current range) in similar size axial-leaded packages. The somewhat larger DO-7 packaging
option offers a double-plug internal bond connection with a larger active die element for its
unique function as a current limiter. Microsemi also offers numerous other Zener products to
meet higher and lower power voltage regulation applications.
DO-7 Package
Also available in:
DO-213AB Package
(surface mount)
1N5283UR-1 to 1N5314UR-1
Important: For the latest information, visit our website http://www.microsemi.com.
FEATURES
JEDEC registered 1N5283 thru 1N5314.
High source impedance.
Internal metallurgical bond.
JAN, JANTX, JANTXV, and JANS qualifications are available per MIL-PRF-19500/463.
Chips also available as JANHC and JANKC.
RoHS compliant versions available (commercial grade only).
APPLICATIONS / BENEFITS
Double-plug construction.
Regulates current over a broad operating voltage and temperature range.
Extensive selection from 0.22 mA to 4.7 mA.
Standard current tolerances are plus/minus 10%.
Flexible axial-lead mounting terminals.
Non-sensitive to ESD.
Inherently radiation hard as described in Microsemi “MicroNote 050”.
MAXIMUM RATINGS
MSC – Lawrence
6 Lake Street,
Lawrence, MA 01841
Tel: 1-800-446-1158 or
(978) 620-2600
Fax: (978) 689-0803
MSC – Ireland
Gort Road Business Park,
Ennis, Co. Clare, Ireland
Tel: +353 (0) 65 6840044
Fax: +353 (0) 65 6822298
Website:
www.microsemi.com
Parameters/Test Conditions
Symbol
Value
Unit
Junction and Storage Temperature
TJ and TSTG
-65 to +175
oC
Thermal Resistance Junction-to-Lead @ L = .375 in
RӨJL
250
oC/W
Thermal Impedance
ZӨJX
25
OC/W
Steady-State Power Dissipation @ T L = +50
oC, L = 3/8” (1)
P D
500
mW
Working Peak Voltage
VWM
100
V
Solder Pad Temperature @ 10 s max.
TSP
260
oC
Notes: 1. Derate at 4mW/°C above +50
oC.


Número de pieza similar - 1N5297

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
1N5297 MOTOROLA-1N5297 Datasheet
119Kb / 5P
   CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
1N5297 CDI-DIODE-1N5297 Datasheet
30Kb / 2P
   CURRENT REGULATOR DIODES
logo
Knox Semiconductor, Inc
1N5297 KNOX-1N5297 Datasheet
37Kb / 1P
   CURRENT LIMITER FIELD EFFECT DIODES
logo
Microsemi Corporation
1N5297 MICROSEMI-1N5297 Datasheet
97Kb / 2P
   HIGH RELIABILITY CURRENT REGULATOR DIODES
1N5297 MICROSEMI-1N5297 Datasheet
34Kb / 1P
   CURRENT REGULATOR DIODES
More results

Descripción similar - 1N5297

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Compensated Deuices Inc...
1N5283 CDI-DIODE-1N5283 Datasheet
30Kb / 2P
   CURRENT REGULATOR DIODES
logo
Digitron Semiconductors
1N5283 DIGITRON-1N5283 Datasheet
132Kb / 3P
   CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
DCR250 CDI-DIODE-DCR250 Datasheet
15Kb / 1P
   CURRENT REGULATOR DIODES
logo
Microsemi Corporation
1N5283 MICROSEMI-1N5283_10 Datasheet
30Kb / 1P
   CURRENT REGULATOR DIODES
logo
New Jersey Semi-Conduct...
J500 NJSEMI-J500 Datasheet
632Kb / 2P
   Current Regulator Diodes
2N5283 NJSEMI-2N5283 Datasheet
196Kb / 2P
   CURRENT REGULATOR DIODES
logo
Motorola, Inc
1N5283 MOTOROLA-1N5283 Datasheet
119Kb / 5P
   CURRENT REGULATOR DIODES
logo
Vishay Siliconix
J510-E3 VISHAY-J510-E3 Datasheet
44Kb / 5P
   Current Regulator Diodes
Rev. F, 02-Jul-01
logo
Microsemi Corporation
DCR250 MICROSEMI-DCR250 Datasheet
19Kb / 1P
   CURRENT REGULATOR DIODES
CDLL250 MICROSEMI-CDLL250 Datasheet
19Kb / 1P
   CURRENT REGULATOR DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com