Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5314 Datasheet(PDF) 2 Page - Microsemi Corporation

No. de pieza 1N5314
Descripción Electrónicos  CURRENT REGULATOR DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5314 Datasheet(HTML) 2 Page - Microsemi Corporation

  1N5314 Datasheet HTML 1Page - Microsemi Corporation 1N5314 Datasheet HTML 2Page - Microsemi Corporation 1N5314 Datasheet HTML 3Page - Microsemi Corporation 1N5314 Datasheet HTML 4Page - Microsemi Corporation 1N5314 Datasheet HTML 5Page - Microsemi Corporation 1N5314 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
T4-LDS-0159, Rev. 2 (111541)
©2011 Microsemi Corporation
Page 2 of 6
1N5283-1 thru 1N5314-1
MECHANICAL and PACKAGING
• CASE: Hermetically sealed glass case.
• TERMINALS: Tin/lead finished copper clad steel or RoHS compliant matte-tin finish available (commercial grade only).
• MARKING: Part number and cathode band.
• POLARITY: Diode to be operated with the banded (cathode) end negative.
• TAPE & REEL option: Standard per EIA-296 (add “TR” suffix to part number). Consult factory for quantities.
• WEIGHT: 0.2 grams.
• See Package Dimensions on last page.
PART NOMENCLATURE
JAN 1N5283
-1
(e3)
Reliability Level
JAN = JAN Level
JANTX = JANTX Level
JANTXV = JANTXV Level
JANS = JANS Level
Blank = Commercial
JEDEC type number
(see Electrical Characteristics
table)
RoHS Compliance
e3 = RoHS Compliant (available
on commercial grade only)
Blank = non-RoHS Compliant
Metallurgically Bonded
SYMBOLS & DEFINITIONS
Symbol
Definition
IL
Limiting Current: A specified current below the lower knee of the current-regulating characteristic.
IS
Regulator current: A current within the regulating range of a current-regulator diode.
PD
Power Dissipation: The power dissipation, dc.
RӨJL
Thermal Resistance Junction-to-Lead: The thermal resistance from the virtual junction(s) of a semiconducter device to
the lead.
TL
Lead Temperature: The temperature of a lead terminal.
TSP
Temperature Solder Pad: The maximum solder temperature that can be safely applied to the terminal.
VK
Knee Voltage: A specified regulator voltage near the lower knee of the current-regulating characteristic.
VL
Limiting Voltage: The voltage at point IL on the current-voltage characteristic.
VS
Regulator Voltage: A voltage within the regulating range of a current-regulating diode.
zk
Knee Impedance: The small-signal impedance at operating point VK on the current-voltage characteristic.
zs
Regulator Impedance: The small-signal impedance within the regulating range of a current-regulator diode.
ZӨJX
Thermal Impedance: The thermal impedance junction to reference point.


Número de pieza similar - 1N5314

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
1N5314 MOTOROLA-1N5314 Datasheet
119Kb / 5P
   CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
1N5314 CDI-DIODE-1N5314 Datasheet
30Kb / 2P
   CURRENT REGULATOR DIODES
logo
Knox Semiconductor, Inc
1N5314 KNOX-1N5314 Datasheet
37Kb / 1P
   CURRENT LIMITER FIELD EFFECT DIODES
logo
Microsemi Corporation
1N5314 MICROSEMI-1N5314 Datasheet
97Kb / 2P
   HIGH RELIABILITY CURRENT REGULATOR DIODES
1N5314 MICROSEMI-1N5314 Datasheet
34Kb / 1P
   CURRENT REGULATOR DIODES
More results

Descripción similar - 1N5314

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Compensated Deuices Inc...
1N5283 CDI-DIODE-1N5283 Datasheet
30Kb / 2P
   CURRENT REGULATOR DIODES
logo
Digitron Semiconductors
1N5283 DIGITRON-1N5283 Datasheet
132Kb / 3P
   CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
DCR250 CDI-DIODE-DCR250 Datasheet
15Kb / 1P
   CURRENT REGULATOR DIODES
logo
Microsemi Corporation
1N5283 MICROSEMI-1N5283_10 Datasheet
30Kb / 1P
   CURRENT REGULATOR DIODES
logo
New Jersey Semi-Conduct...
J500 NJSEMI-J500 Datasheet
632Kb / 2P
   Current Regulator Diodes
2N5283 NJSEMI-2N5283 Datasheet
196Kb / 2P
   CURRENT REGULATOR DIODES
logo
Motorola, Inc
1N5283 MOTOROLA-1N5283 Datasheet
119Kb / 5P
   CURRENT REGULATOR DIODES
logo
Vishay Siliconix
J510-E3 VISHAY-J510-E3 Datasheet
44Kb / 5P
   Current Regulator Diodes
Rev. F, 02-Jul-01
logo
Microsemi Corporation
DCR250 MICROSEMI-DCR250 Datasheet
19Kb / 1P
   CURRENT REGULATOR DIODES
CDLL250 MICROSEMI-CDLL250 Datasheet
19Kb / 1P
   CURRENT REGULATOR DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com