Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2554 Datasheet(PDF) 3 Page - Hitachi Semiconductor

No. de pieza 2SK2554
Descripción Electrónicos  Silicon N-Channel MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2554 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SK2554 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2554 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2554 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2554 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2554 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2554 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2554 Datasheet HTML 7Page - Hitachi Semiconductor 2SK2554 Datasheet HTML 8Page - Hitachi Semiconductor 2SK2554 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2SK2554
3
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown
voltage
V
(BR)DSS
60
V
I
D = 10 mA, VGS = 0
Gate to source breakdown
voltage
V
(BR)GSS
±20
V
I
G = ±100 µA, VDS = 0
Gate to source leak current
I
GSS
——
±10
µAV
GS = ±16 V, VDS = 0
Zero gate voltage drain current I
DSS
100
µAV
DS = 60 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
1.0
2.0
V
I
D = 1 mA, VDS = 10 V
Static drain to source on state
resistance
R
DS(on)
4.5
6
m
I
D = 40 A
V
GS = 10 V*
1
5.8
10
m
I
D = 40 A
V
GS = 4 V*
1
Forward transfer admittance
|y
fs|50
80
S
I
D = 40 A
V
DS = 10 V*
1
Input capacitance
Ciss
7700
pF
V
DS = 10 V
Output capacitance
Coss
4100
pF
V
GS = 0
Reverse transfer capacitance
Crss
760
pF
f = 1 MHz
Turn-on delay time
t
d(on)
60
ns
I
D = 40 A
Rise time
t
r
420
ns
V
GS = 10 V
Turn-off delay time
t
d(off)
1200
ns
R
L = 0.75 Ω
Fall time
t
f
900
ns
Body to drain diode forward
voltage
V
DF
0.95
V
I
F = 75 A, VGS = 0
Body to drain diode reverse
recovery time
t
rr
105
ns
I
F = 75 A, VGS = 0
diF / dt = 50 A /
µs
Note:
1. Pulse Test


Número de pieza similar - 2SK2554

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SK2554 RENESAS-2SK2554 Datasheet
89Kb / 8P
   Silicon N Channel MOS FET
logo
Inchange Semiconductor ...
2SK2554 ISC-2SK2554 Datasheet
303Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2554-E RENESAS-2SK2554-E Datasheet
89Kb / 8P
   Silicon N Channel MOS FET
More results

Descripción similar - 2SK2554

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com