Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC-45D16CB641KF-C75 Datasheet(PDF) 5 Page - NEC

No. de pieza MC-45D16CB641KF-C75
Descripción Electrónicos  16 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

MC-45D16CB641KF-C75 Datasheet(HTML) 5 Page - NEC

  MC-45D16CB641KF-C75 Datasheet HTML 1Page - NEC MC-45D16CB641KF-C75 Datasheet HTML 2Page - NEC MC-45D16CB641KF-C75 Datasheet HTML 3Page - NEC MC-45D16CB641KF-C75 Datasheet HTML 4Page - NEC MC-45D16CB641KF-C75 Datasheet HTML 5Page - NEC MC-45D16CB641KF-C75 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Preliminary Data Sheet M14897EJ2V0DS00
5
MC-45D16CB641
Electrical Specifications
• All voltages are referenced to VSS (GND).
• After power up, wait more than 1 ms and then, execute Power on sequence and CBR (auto) refresh before
proper device operation is achieved.
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Voltage on power supply pin relative to VSS
VDD, VDDQ
–0.5 to +3.6
V
Voltage on input pin relative to VSS
VT
–0.5 to +3.6
V
Short circuit output current
IO
50
mA
Power dissipation
PD
12
W
Storage temperature
Tstg
–55 to +125
°C
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Supply voltage
VDD
2.3
2.5
2.7
V
Supply voltage for DQ, DQS
VDDQ
2.3
2.5
2.7
V
Input reference voltage
VREF
0.49
× VDDQ
0.51
× VDDQV
Termination voltage
VTT
VREF
− 0.04
VREF
VREF + 0.04
V
High level dc input voltage
VIH (DC)
VREF + 0.15
VDD + 0.3
V
Low level dc input voltage
VIL (DC)
−0.3
VREF
− 0.15
V
Input differential voltage (CLK and /CLK)
VID (DC)
0.36
VDDQ + 0.6
V
Input crossing point voltage (CLK and /CLK)
VIX
0.5
× VDDQ–0.2
0.5
× VDDQ+0.2
V
Operating ambient temperature
TA
070
°C
Capacitance (TA = 25
°°°°C, f = 100 MHz)
Parameter
Symbol
Test condition
MIN.
TYP.
MAX.
Unit
Input capacitance
CI1
A0 - A11, BA0, BA1, /RAS,
/CAS, /WE
TBD
TBD
pF
CI2
CK0 - CK2, /CK0 - /CK2
TBD
TBD
CI3
CKE0
TBD
TBD
CI4
/S0
TBD
TBD
Data input/output capacitance
CI/O1
DM(0-7)/DQS(9-16),
DQS0 - DQS7
TBD
TBD
pF
CI/O2
DQ0 - DQ63
TBD
TBD


Número de pieza similar - MC-45D16CB641KF-C75

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Elpida Memory
MC-45D16CB641KF-C75 ELPIDA-MC-45D16CB641KF-C75 Datasheet
170Kb / 16P
   16 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Descripción similar - MC-45D16CB641KF-C75

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Elpida Memory
MC-45D16CB641 ELPIDA-MC-45D16CB641 Datasheet
170Kb / 16P
   16 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D32CD641 NEC-MC-45D32CD641 Datasheet
250Kb / 6P
   32 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D32CD641 ELPIDA-MC-45D32CD641 Datasheet
184Kb / 16P
   32 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D16CA721 ELPIDA-MC-45D16CA721 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D16CA721 NEC-MC-45D16CA721 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D32CC721 NEC-MC-45D32CC721 Datasheet
259Kb / 6P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CB647 NEC-MC-458CB647 Datasheet
190Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CD647 ELPIDA-MC-4532CD647 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646 ELPIDA-MC-4532CD646 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com