Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

4N2X Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza 4N2X
Descripción Electrónicos  6-PIN PHOTOTRANSISTOR OPTOCOUPLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

4N2X Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  4N2X Datasheet HTML 1Page - List of Unclassifed Manufacturers 4N2X Datasheet HTML 2Page - List of Unclassifed Manufacturers 4N2X Datasheet HTML 3Page - List of Unclassifed Manufacturers 4N2X Datasheet HTML 4Page - List of Unclassifed Manufacturers 4N2X Datasheet HTML 5Page - List of Unclassifed Manufacturers 4N2X Datasheet HTML 6Page - List of Unclassifed Manufacturers 4N2X Datasheet HTML 7Page - List of Unclassifed Manufacturers 4N2X Datasheet HTML 8Page - List of Unclassifed Manufacturers 4N2X Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
4N2X 4N3X H11AX series
6-PIN PHOTOTRANSISTOR
OPTOCOUPLER
Product: 4N2X 4N3X H11AX series
Date: February 1, 2011
Page 2 of 17
Version# 1.1
Wide lead bend (option W):
SMD lead bend (option S):
-
All Dimensions are in mm
-
Tolerance = +/- 0.1mm


Número de pieza similar - 4N2X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
4N2X EVERLIGHT-4N2X Datasheet
364Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X Datasheet
394Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
logo
List of Unclassifed Man...
4N2X ETC1-4N2X Datasheet
654Kb / 17P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLER
logo
Everlight Electronics C...
4N2X EVERLIGHT-4N2X Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results

Descripción similar - 4N2X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
4N2X ETC1-4N2X Datasheet
654Kb / 17P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLER
CNY17-1 ETC2-CNY17-1 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
CNY17 ETC1-CNY17 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
TIL111 ETC2-TIL111 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
TIL111 ETC1-TIL111 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
CT Micro International ...
CNY17-1 CTMICRO-CNY17-1 Datasheet
1Mb / 14P
   DC Input 6-Pin Phototransistor Optocoupler
4N25 CTMICRO-4N25 Datasheet
1Mb / 14P
   DC Input 6-Pin Phototransistor Optocoupler
logo
List of Unclassifed Man...
Q825 ETC1-Q825 Datasheet
530Kb / 10P
   8-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Q815 ETC1-Q815 Datasheet
464Kb / 12P
   4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Unisonic Technologies
83CXXX UTC-83CXXX_15 Datasheet
163Kb / 5P
   4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com