Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUBOE27160NF05 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza BUBOE27160NF05
Descripción Electrónicos  6W Non Dimmable Light Bulb
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

BUBOE27160NF05 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BUBOE27160NF05 Datasheet HTML 1Page - List of Unclassifed Manufacturers BUBOE27160NF05 Datasheet HTML 2Page - List of Unclassifed Manufacturers BUBOE27160NF05 Datasheet HTML 3Page - List of Unclassifed Manufacturers BUBOE27160NF05 Datasheet HTML 4Page - List of Unclassifed Manufacturers BUBOE27160NF05 Datasheet HTML 5Page - List of Unclassifed Manufacturers BUBOE27160NF05 Datasheet HTML 6Page - List of Unclassifed Manufacturers BUBOE27160NF05 Datasheet HTML 7Page - List of Unclassifed Manufacturers BUBOE27160NF05 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
6W Non Dimmable Light Bulb
3 / 8
Tel: 1-408-514-1524
Fax: 1-408-514-1523
Http://www.qt-brightek.com
Copyright © 2010 QT-Brightek Corporation. All rights reserved. The information in this
document is subject to change without notice.
Dimension:
Ligth Distribution Curve:


Número de pieza similar - BUBOE27160NF05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BUBOE27008CG04 ETC2-BUBOE27008CG04 Datasheet
688Kb / 8P
   8W Dimmable Light Bulb
BUBOE27008NF04 ETC2-BUBOE27008NF04 Datasheet
688Kb / 8P
   8W Dimmable Light Bulb
BUBOE27008WF04 ETC2-BUBOE27008WF04 Datasheet
688Kb / 8P
   8W Dimmable Light Bulb
More results

Descripción similar - BUBOE27160NF05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BUBOE27008WF04 ETC2-BUBOE27008WF04 Datasheet
688Kb / 8P
   8W Dimmable Light Bulb
logo
IXYS Corporation
IXDN0037 IXYS-IXDN0037 Datasheet
410Kb / 31P
   Non-Dimmable Fluorescent Ballast
logo
Infineon Technologies A...
AN-EVALLED-ICL8002G-B2 INFINEON-AN-EVALLED-ICL8002G-B2 Datasheet
2Mb / 23P
   Phase Cut Dimmable Non-isolated Buck Converter for LED Retrofit Bulb with
Revision 1.1, 2012 -08 -03
logo
Fairchild Semiconductor
FEBFL7730 FAIRCHILD-FEBFL7730 Datasheet
1Mb / 24P
   Dimmable LED Bulb at Low Line
logo
Rohm
R-B101L1 ROHM-R-B101L1 Datasheet
1Mb / 2P
   LED Light Bulb
logo
Ningbo Foryard Optoelec...
FYA60-3020UW-4W FORYARD-FYA60-3020UW-4W Datasheet
708Kb / 4P
   LED Light Bulb
FYA60-3020UW-6W FORYARD-FYA60-3020UW-6W Datasheet
711Kb / 4P
   LED Light Bulb
logo
Diodes Incorporated
AL9910EV8 DIODES-AL9910EV8 Datasheet
613Kb / 14P
   Non-Dimmable 120VAC Evaluation Board
logo
TE Connectivity Ltd
SSL-75W TEC-SSL-75W Datasheet
385Kb / 2P
   75W Non Dimmable LED Driver
logo
Banner Engineering Corp...
WLS27 BANNER-WLS27 Datasheet
233Kb / 3P
   WLS27 LED Strip Light - PWM Dimmable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com