Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FU-645SDF-X1MXX Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

No. de pieza FU-645SDF-X1MXX
Descripción Electrónicos  1.55 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MITSUBISHI [Mitsubishi Electric Semiconductor]
Página de inicio  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FU-645SDF-X1MXX Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  FU-645SDF-X1MXX Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-645SDF-X1MXX Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-645SDF-X1MXX Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FU-645SDF-X1MXX Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FU-645SDF-X1MXX Datasheet HTML 5Page - Mitsubishi Electric Semiconductor FU-645SDF-X1MXX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TZ7-01-111A (3/6)
MITSUBISHI (OPTICAL DEVICES)
FU-645SDF-x1Mxx
1.55
µm UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
(BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
ELECTRICAL/OPTICAL CHARACTERISTICS (Tc=-5~70°C, unless otherwise noted)
Limits
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
CW, Tc=25°C
-
10
25
Threshold current
Ith
CW
2
-
40
mA
Optical output power
at threshold current
Pth
CW, Ibias=Ith
-
-
50
µW
CW, Pf=2mW, Tc=25°C
-
40
70
Operating current
Iop
CW, Pf=2mW, Tc=70°C
-
60
90
mA
CW, Pf=2mW, Tc=25°C
-
1.2
1.5
Operating voltage
Vop
CW, Pf=2mW, Tc=70°C
-
1.6
1.8
V
Input impedance
Zin
-
-
25
-
Optical output power from
fiber end
Pf
CW, nominal
-
2
-
mW
Light-emission central
wavelength
λc
CW, Pf=1mW
1530
1550
1570
nm
Wavelength temperature
coefficient
λct
-
-
0.10
0.12
nm/°C
Spectral width
∆λ
(Note1), -20dB
-
-
0.4
nm
Side mode suppression ratio
Sr
(Note1)
30
45
-
dB
Cutoff frequency
(-1.5dB optical)
fc
Pf=1mW
3.5
-
-
GHz
Rise and fall time (10~90%)
tr, tf
(Note1)
-
125
150
psec
Dispersion penalty
Pp
(Note1), +1800ps/nm disp.
-
-
2
dB
Relative intensity noise
Nr
CW, Pf=1mW, f=1GHz
-
-150
-140
dB/Hz
Tracking error (Note 2)
Er
CW, APC(Imon=const.)
-
0.5
1.25
dB
CW, Tc=25°C
0.06
-
0.1
Differential efficiency
η
CW
0.036
-
0.15
mW/
mA
Monitor current
Imon
CW, Pf=1mW, Vrd=5V
0.05
-
1
mA
Optical isolation
Iso
-
20
-
-
dB
Dark current (PD)
Id
Vrd=5V
-
-
0.1
µA
Capacitance (PD)
Ct
Vrd=5V, f=1MHz
-
-
10
pF
Thermistor resistance
Rth
Tc=25°C
9.5
10
10.5
k
B constant of Rth
B
-
-
3950
-
K
Note 1) 2.48832Gb/s NRZ, 2
23
-1, Pf_ave=1mW, Extinction ratio 10dB, optical return loss from the line should be
greater than 24dB in order to ensure the specified performance.
Note 2) Er=max|10
×log(Pf / Pf@25°C)|
FIBER PIGTAIL SPECIFICATIONS
Parameter
Limits
Unit
Type
SM
-
Mode field diameter
10
±1
µm
Cladding diameter
125
±2
µm
Secondary coating outer diameter
0.9
±0.1
mm
Connector
See Table 1.
-
Optical return loss of connector
40 (min)
dB


Número de pieza similar - FU-645SDF-X1MXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
FU-645SDF-1M1B MITSUBISHI-FU-645SDF-1M1B Datasheet
108Kb / 6P
   1.55 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-645SDF-1M2C MITSUBISHI-FU-645SDF-1M2C Datasheet
108Kb / 6P
   1.55 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-645SDF-V1M1B MITSUBISHI-FU-645SDF-V1M1B Datasheet
108Kb / 6P
   1.55 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-645SDF-V1M2C MITSUBISHI-FU-645SDF-V1M2C Datasheet
108Kb / 6P
   1.55 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-645SDF-W1M1B MITSUBISHI-FU-645SDF-W1M1B Datasheet
108Kb / 6P
   1.55 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
More results

Descripción similar - FU-645SDF-X1MXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
FU-645SDF-1M1B MITSUBISHI-FU-645SDF-1M1B Datasheet
108Kb / 6P
   1.55 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-22 MITSUBISHI-FU-68SDF-22 Datasheet
85Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-445SDF-1M1C MITSUBISHI-FU-445SDF-1M1C Datasheet
108Kb / 6P
   1.3 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-445SDF-WM1 MITSUBISHI-FU-445SDF-WM1 Datasheet
55Kb / 3P
   1.3 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-V802MXXB MITSUBISHI-FU-68SDF-V802MXXB Datasheet
108Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-V810MXXB MITSUBISHI-FU-68SDF-V810MXXB Datasheet
109Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-48SDF-1 MITSUBISHI-FU-48SDF-1 Datasheet
222Kb / 3P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-X9YYMZZF MITSUBISHI-FU-68SDF-X9YYMZZF Datasheet
171Kb / 6P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-XW5M1 MITSUBISHI-FU-650SDF-XW5M1 Datasheet
82Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-636SDF-F1M1 MITSUBISHI-FU-636SDF-F1M1 Datasheet
45Kb / 3P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com