Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STR1060005CE03 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

No. de pieza STR1060005CE03
Descripción Electrónicos  3527/3528 LED Strip Lights without Sleeves
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

STR1060005CE03 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  STR1060005CE03 Datasheet HTML 1Page - List of Unclassifed Manufacturers STR1060005CE03 Datasheet HTML 2Page - List of Unclassifed Manufacturers STR1060005CE03 Datasheet HTML 3Page - List of Unclassifed Manufacturers STR1060005CE03 Datasheet HTML 4Page - List of Unclassifed Manufacturers STR1060005CE03 Datasheet HTML 5Page - List of Unclassifed Manufacturers STR1060005CE03 Datasheet HTML 6Page - List of Unclassifed Manufacturers STR1060005CE03 Datasheet HTML 7Page - List of Unclassifed Manufacturers STR1060005CE03 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
3527/3528 LED Strip Lights without Sleeves
6 / 8
Tel: 1-408-514-1524
Fax: 1-408-514-1523
Http://www.qt-brightek.com
Copyright © 2010 QT-Brightek Corporation. All rights reserved. The information in this
document is subject to change without notice.
2.
>1m inside Package:
Reel: 1PCS/reel (>1m)
Size:240*216mm
Net Weight:41g
Gross Weight:46g (3m)
Place reel into the shilding bag: 1PCS/bag
Size:480*419*424mm
Qty:100 PCS
Net Weight: 4.1 Kg (1m)
Gross Weight: 6.7 Kg (3m)


Número de pieza similar - STR1060005CE03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STR1060005CE01 ETC2-STR1060005CE01 Datasheet
364Kb / 7P
   3527 LED Strip Lights
More results

Descripción similar - STR1060005CE03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STR1060005CE01 ETC2-STR1060005CE01 Datasheet
364Kb / 7P
   3527 LED Strip Lights
STR1230165CG01 ETC2-STR1230165CG01 Datasheet
1Mb / 7P
   5050 LED Strip Lights
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
   LED reading lights
logo
Chicago Miniature Lamp,...
6039-004-304R CML-6039-004-304R Datasheet
222Kb / 1P
   Astrolite LED Indicator Lights
1091M CML-1091M Datasheet
222Kb / 1P
   Non-Relampable LED Indicator Lights
logo
Visual Communications C...
L79 VCC-L79 Datasheet
590Kb / 2P
   LED Indicator lights mounting hole
1091QM VCC-1091QM Datasheet
67Kb / 1P
   Non-Relampable LED Indicator Lights
logo
Molex Electronics Ltd.
987651-6364 MOLEX-987651-6364 Datasheet
431Kb / 2P
   Brad M12 LED Machine Lights
2017.04
logo
Chicago Miniature Lamp,...
1091QM CML-1091QM Datasheet
224Kb / 1P
   Non-Relampable LED Indicator Lights
logo
Banner Engineering Corp...
LEDRSM BANNER-LEDRSM Datasheet
173Kb / 2P
   LED..SM Series Spot Lights
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com