Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KMTS2500-200400-20 Datasheet(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

No. de pieza KMTS2500-200400-20
Descripción Electrónicos  INTELLIGENT INTERACTIVE SYNTHESIZER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Página de inicio  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

KMTS2500-200400-20 Datasheet(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

  KMTS2500-200400-20 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION KMTS2500-200400-20 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION KMTS2500-200400-20 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION KMTS2500-200400-20 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION KMTS2500-200400-20 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION KMTS2500-200400-20 Datasheet HTML 6Page - SYNERGY MICROWAVE CORPORATION KMTS2500-200400-20 Datasheet HTML 7Page - SYNERGY MICROWAVE CORPORATION KMTS2500-200400-20 Datasheet HTML 8Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
INTELLIGENT INTERACTIVE SYNTHESIZER
2000 - 4000 MHz
WIDE BANDWIDTH
SURFACE MOUNT MODEL: KMTS2500-200400-20
This product is manufactured under one or more of the following patents. Approved: 5,160,810; 5,122,621; 5,390,349; 5,416,449; 5,650,754; 5,805,431; 6,525,623; 6,850,575;
7,088,189; 7,180,381; 7,196,591; 7,262,670; 7,265,642; 7,292,113; 7,365,612; 7,495,525; 2,548,311; 2,548,317; 7,545,229; 7,580,693; 7,586,381; 7,605,670; 7,636,021; 2,533,623
| Pending: 60/493075; 60/501371 & 60/501790; 60/527957 & 60/528670; 60/563481; 60/564173; 60/589090; 60/601823; 60/605791; EV31369834; 11/259766; 60/622485 &
60/710310; 10/937525/60/736901; 60/732787; 7,495,525; 2,548,311; 2,548,317; 7,545,229; 2,563,174; 7,580,693; 7,612,296; 2,524,751
Copyright © Synergy Microwave Corporation
201 McLean Boulevard • Paterson, New Jersey 07504 USA • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
[ 2 of 8 ]
Package #
347
Port Configuration
Pin 1 - VCC 1 (+12 Vdc)
Pin 2 - VCC 2 (+12 Vdc)
Pin 3 - VEE (GND)
Pin 4 - NC
Pin 5 - Reset*
Pin 6 - NC
Pin 7 - RX (RS-232 receive data - EIA-232 voltage Levels
Pin 8 - NC
Pin 9 - NC
Pin 10 - NC
Pin 11 - Clock
Pin 12 - NC
Pin 13 - Data
Pin 14 - VCC 3 (+12 Vdc)
Pin 15 - VEE (GND)
Pin 16 - VEE (GND)
Pin 17 - NC
Pin 18 - TX (RS-232 transmit data - EIA-232 voltage Levels
Pin 19 - NC
Pin 20 - GND (ISP)
Pin 21 - NC
Pin 22 - LD (Lock Detect / +3.3 V CMOS)
Pin 23 - NC
Pin 24 - LE (Latch Enable)
Pin 25 - NC
NC - No Connection
* Reset is open or logic high for normal operation. Logic low for >10 mSec will reset.


Número de pieza similar - KMTS2500-200400-20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SYNERGY MICROWAVE CORPO...
KMTS2500-110250-10 SYNERGY-KMTS2500-110250-10 Datasheet
605Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
KMTS2500-300600-10 SYNERGY-KMTS2500-300600-10 Datasheet
559Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
KMTS2500-30525-10 SYNERGY-KMTS2500-30525-10 Datasheet
867Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results

Descripción similar - KMTS2500-200400-20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SYNERGY MICROWAVE CORPO...
FSW170280-50 SYNERGY-FSW170280-50 Datasheet
807Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW60170-50 SYNERGY-LFSW60170-50 Datasheet
553Kb / 3P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW35105-100 SYNERGY-LFSW35105-100 Datasheet
467Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-110250-10 SYNERGY-MTS2500-110250-10 Datasheet
767Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-200400-10 SYNERGY-MTS2500-200400-10 Datasheet
667Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW60135-50 SYNERGY-FSW60135-50 Datasheet
564Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW150320-25 SYNERGY-LFSW150320-25 Datasheet
430Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-300600-10 SYNERGY-MTS2500-300600-10 Datasheet
609Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW190410-100 SYNERGY-FSW190410-100 Datasheet
522Kb / 4P
   INTELLIGENT INTERACTIVE SYNTHESIZER
KMTS2500-30525-10 SYNERGY-KMTS2500-30525-10 Datasheet
867Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MFSH432493-100 SYNERGY-MFSH432493-100 Datasheet
480Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com