Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFSW120205-100 Datasheet(PDF) 3 Page - SYNERGY MICROWAVE CORPORATION

No. de pieza LFSW120205-100
Descripción Electrónicos  INTELLIGENT INTERACTIVE SYNTHESIZER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Página de inicio  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

LFSW120205-100 Datasheet(HTML) 3 Page - SYNERGY MICROWAVE CORPORATION

  LFSW120205-100 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION LFSW120205-100 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION LFSW120205-100 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION LFSW120205-100 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION LFSW120205-100 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION LFSW120205-100 Datasheet HTML 6Page - SYNERGY MICROWAVE CORPORATION LFSW120205-100 Datasheet HTML 7Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTELLIGENT INTERACTIVE SYNTHESIZER
SURFACE MOUNT MODEL: LFSW120205-100
1200 - 2050 MHz
WIDE BANDWIDTH
Copyright © Synergy Microwave Corporation
201 McLean Boulevard • Paterson, New Jersey 07504 USA
Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • Website: http://www.synergymwave.com
[ 3 of 7 ]
REFERENCE SIDEBAND SUPPRESSION
A
1 AP
CLRWR
SGL
Ref 13 dBm
Att 40 dB
3 MHz/
Center 1.2 GHz
Span 30 MHz
*
*
3DB
RBW 2 kHz
VBW 2 kHz
SWT 7.6 s
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1
Marker 1 [T1 ]
10.00 dBm
1.200000000 GHz
2
Delta 2 [T1 ]
-69.96 dB
2.211538462 MHz
3
Delta 3 [T1 ]
-82.05 dB
-10.000000000 MHz
4
Delta 4 [T1 ]
-70.05 dB
-2.211538462 MHz
1
Delta 1 [T1 ]
-80.45 dB
10.000000000 MHz
Date: 1.JUL.2008 08:15:24


Número de pieza similar - LFSW120205-100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SYNERGY MICROWAVE CORPO...
LFSW100230-50 SYNERGY-LFSW100230-50 Datasheet
622Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW110250-100 SYNERGY-LFSW110250-100 Datasheet
874Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW110250-50 SYNERGY-LFSW110250-50 Datasheet
738Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW150320-25 SYNERGY-LFSW150320-25 Datasheet
430Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW150320-50 SYNERGY-LFSW150320-50 Datasheet
636Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results

Descripción similar - LFSW120205-100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SYNERGY MICROWAVE CORPO...
FSW170280-50 SYNERGY-FSW170280-50 Datasheet
807Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW60170-50 SYNERGY-LFSW60170-50 Datasheet
553Kb / 3P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW35105-100 SYNERGY-LFSW35105-100 Datasheet
467Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-110250-10 SYNERGY-MTS2500-110250-10 Datasheet
767Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-200400-10 SYNERGY-MTS2500-200400-10 Datasheet
667Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW60135-50 SYNERGY-FSW60135-50 Datasheet
564Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW150320-25 SYNERGY-LFSW150320-25 Datasheet
430Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-300600-10 SYNERGY-MTS2500-300600-10 Datasheet
609Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW190410-100 SYNERGY-FSW190410-100 Datasheet
522Kb / 4P
   INTELLIGENT INTERACTIVE SYNTHESIZER
KMTS2500-30525-10 SYNERGY-KMTS2500-30525-10 Datasheet
867Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MFSH432493-100 SYNERGY-MFSH432493-100 Datasheet
480Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com