Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3150 Datasheet(PDF) 4 Page - Hitachi Semiconductor

No. de pieza 2SK3150
Descripción Electrónicos  Silicon N Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK3150 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SK3150 Datasheet HTML 1Page - Hitachi Semiconductor 2SK3150 Datasheet HTML 2Page - Hitachi Semiconductor 2SK3150 Datasheet HTML 3Page - Hitachi Semiconductor 2SK3150 Datasheet HTML 4Page - Hitachi Semiconductor 2SK3150 Datasheet HTML 5Page - Hitachi Semiconductor 2SK3150 Datasheet HTML 6Page - Hitachi Semiconductor 2SK3150 Datasheet HTML 7Page - Hitachi Semiconductor 2SK3150 Datasheet HTML 8Page - Hitachi Semiconductor 2SK3150 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2SK3150(L),2SK3150(S)
4
1
10
100
2
50
500
20
50
10
250
200
150
100
50
–40
0
40
80
120
160
0
0.1
0.3
1
3
10
30
100
50
20
5
10
1
2
0.5
20
5
2.5
2.0
1.5
1.0
0.5
0
48
12
16
20
I
= 15 A
D
5 A
10 A
200
100
V
= 4 V
GS
10 V
V
= 4 V
GS
10 V
25 °C
Tc = –25 °C
75 °C
Gate to Source Voltage
V
(V)
GS
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current
I
(A)
D
Static Drain to Source on State Resistance
vs. Drain Current
Case Temperature
Tc
(°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current I
(A)
D
Forward Transfer Admittance vs.
Drain Current
Pulse Test
Pulse Test
V
= 10 V
Pulse Test
DS
Pulse Test
15 A
5,10 A
15 A
5,10 A


Número de pieza similar - 2SK3150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SK3150 RENESAS-2SK3150 Datasheet
94Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
2SK3150(L) RENESAS-2SK3150(L)_15 Datasheet
132Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK3150L ISC-2SK3150L Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3150L-E RENESAS-2SK3150L-E Datasheet
94Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK3150S ISC-2SK3150S Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK3150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com