Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK975 Datasheet(PDF) 5 Page - Hitachi Semiconductor

No. de pieza 2SK975
Descripción Electrónicos  Silicon N-Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK975 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  2SK975 Datasheet HTML 1Page - Hitachi Semiconductor 2SK975 Datasheet HTML 2Page - Hitachi Semiconductor 2SK975 Datasheet HTML 3Page - Hitachi Semiconductor 2SK975 Datasheet HTML 4Page - Hitachi Semiconductor 2SK975 Datasheet HTML 5Page - Hitachi Semiconductor 2SK975 Datasheet HTML 6Page - Hitachi Semiconductor 2SK975 Datasheet HTML 7Page - Hitachi Semiconductor 2SK975 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SK975
5
1000
500
200
100
50
20
10
0.05
0.1
0.5
5
Reverse Drain Current IDR (A)
1.0
0.2
2
Body to Drain Diode Reverse
Recovery Time
di/dt = 50 A/
µs, Ta = 25°C
VGS = 0
Pulse Test
Typical Capacitance vs.
Drain to Source Voltage
1000
300
100
30
3
1
010
20
50
Drain to Source Voltage VDS (V)
30
10
40
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
100
80
60
40
20
02
6
8
Gate Charge Qg (nc)
4
20
16
12
8
4
Dynamic Input Characteristics
10
0
VDS
VGS
VDD = 50 V
10 V
25 V
VDD = 50 V
25 V
10 V
ID = 1.5 A
Switching Characteristics
100
50
20
10
2
1
0.05
0.1
0.5
5
Drain Current ID (A)
1.0
0.2
2
5
td (off)
tf
VGS = 10 V VDD = 30 V
PW = 2
µs, duty < 1 %
td (on)
tr


Número de pieza similar - 2SK975

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SK975 RENESAS-2SK975 Datasheet
75Kb / 7P
   Silicon N Channel MOS FET
2SK975TZ-E RENESAS-2SK975TZ-E Datasheet
75Kb / 7P
   Silicon N Channel MOS FET
2SK975 RENESAS-2SK975_15 Datasheet
116Kb / 7P
   Silicon N Channel MOS FET
More results

Descripción similar - 2SK975

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com