Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SSTPAD20 Datasheet(PDF) 1 Page - Micross Components

No. de Pieza. SSTPAD20
Descripción  Linear Systems replaces discontinued Siliconix SSTPAD20
Descarga  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MICROSS [Micross Components]
Página de inicio  http://www.micross.com
Logo 

SSTPAD20 Datasheet(HTML) 1 Page - Micross Components

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: baredie@micross.com Web: www.micross.com/distribution.aspx
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX SSTPAD20 
REVERSE BREAKDOWN VOLTAGE 
BVR ≥ ‐30V 
ULTRALOW LEAKAGE ≤ 20 pA 
REVERSE CAPACITANCE 
Crss ≤ 2pF 
ABSOLUTE MAXIMUM RATINGS  
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +150°C 
Operating Junction Temperature ‐55°C to +135°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
350mW 
MAXIMUM CURRENT
Forward Current (Note 1) 
10mA 
 
 
SSTPAD20 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
BVR 
Reverse Breakdown Voltage ‐35 
‐‐ 
‐‐ 
IR = ‐1µA 
VF 
Forward Voltage 
‐‐ 
0.8 
1.5 
IF = 5mA 
CrSS 
Total Reverse Capacitance 
‐‐ 
1.5 
pF 
VR = ‐5V, f = 1MHz 
IR 
Maximum Reverse Leakage Current 
‐‐ 
‐‐ 
‐20 
pA 
VR = ‐ 20V 
SOT-23 (Top View)
The SSTPAD20 extremely low-leakage diode provides
a superior alternative to conventional diode
technology when reverse current (leakage) must be
minimized. The SSTPAD20 features a leakage current
of -20 pA and is well suited for use in applications such
as input protection for operational amplifiers.
SSTPAD20 Benefits:
Negligible Circuit Leakage Contribution
Circuit “Transparent” Except to Shunt
High-Frequency Spikes
Simplicity of Operation
SSTPAD20 Applications:
Op Amp Input Protection
Multiplexer Overvoltage Protection
The SSTPAD20 is a low leakage Pico-Amp Diode packaged in
SOT-23
SSTPAD20
LOW LEAKAGE
PICO-AMP DIODE
Available Packages:
SSTPAD20 in SOT-23
SSTPAD20 available as bare die
Please contact Micross for full package and die dimensions
Linear Systems replaces discontinued Siliconix SSTPAD20
Notes:
1. Absolute maximum ratings are limiting values above which SSTPAD20 serviceability may be impaired.
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution.com
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.


Html Pages

1 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn