Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NDL5421P Datasheet(PDF) 2 Page - NEC

No. de pieza NDL5421P
Descripción Electrónicos  1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

NDL5421P Datasheet(HTML) 2 Page - NEC

  NDL5421P Datasheet HTML 1Page - NEC NDL5421P Datasheet HTML 2Page - NEC NDL5421P Datasheet HTML 3Page - NEC NDL5421P Datasheet HTML 4Page - NEC NDL5421P Datasheet HTML 5Page - NEC NDL5421P Datasheet HTML 6Page - NEC NDL5421P Datasheet HTML 7Page - NEC NDL5421P Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
NDL5421P Series
ORDERING INFORMATION
Part Number
Available Connector
Description
NDL5421P
Without Connector
GI-50/125
No Flange
NDL5421PC
With FC-PC Connector
NDL5421PD
With SC-PC Connector
NDL5421PS
Without Connector
SM-9/125
NDL5421PSC
With FC-PC Connector
NDL5421PSD
With SC-PC Connector
NDL5421P1
Without Connector
GI-50/125
Flat Mount Flange
NDL5421P1C
With FC-PC Connector
NDL5421P1D
With SC-PC Connector
NDL5421P1S
Without Connector
SM-9/125
NDL5421P1SC
With FC-PC Connector
NDL5421P1SD
With SC-PC Connector
NDL5421P2
Without Connector
GI-50/125
Vertical Flange
NDL5421P2C
With FC-PC Connector
NDL5421P2D
With SC-PC Connector
NDL5421P2S
Without Connector
SM-9/125
NDL5421P2SC
With FC-PC Connector
NDL5421P2SD
With SC-PC Connector
ABSOLUTE MAXIMUM RATINGS (TC = 25
°°°°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Reverse Voltage
VR
20
V
Forward Current
IF
10
mA
Optical Input Power
Pin
8mW
Operating Case Temperature
TC
−40 to +85
°C
Storage Temperature
Tstg
−40 to +85
°C
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25
°°°°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Dark Current
ID
VR = 5 V
0.1
1.0
nA
Terminal Capacitance
Ct
VR = 5 V, f = 1.0 MHz
0.7
0.9
pF
Quantum Efficiency
η
λ = 1 300 nm
75
86
%
λ = 1 550 nm
64
75
Responsivity
S
λ = 1 300 nm
0.78
0.89
A/W
λ = 1 550 nm
0.80
0.94
Cut-off Frequency
fC
VR = 5 V, RL = 50
Ω, λ = 1 300 nm
2.5
GHz


Número de pieza similar - NDL5421P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
NDL5421P NEC-NDL5421P Datasheet
59Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 120 mm InGaAs PIN PHOTO DIODE RECEPTACLE MODULE
NDL5421P NEC-NDL5421P Datasheet
75Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
California Eastern Labs
NDL5421P CEL-NDL5421P Datasheet
36Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50um InGaAs PIN PHOTO DIODE MODULE
logo
Renesas Technology Corp
NDL5421P RENESAS-NDL5421P Datasheet
195Kb / 10P
   PHOTO DIODE
1995
logo
NEC
NDL5421P1 NEC-NDL5421P1 Datasheet
59Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 120 mm InGaAs PIN PHOTO DIODE RECEPTACLE MODULE
More results

Descripción similar - NDL5421P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
NDL5551P NEC-NDL5551P Datasheet
76Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5461P NEC-NDL5461P Datasheet
66Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE
NDL5471R NEC-NDL5471R Datasheet
59Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 120 mm InGaAs PIN PHOTO DIODE RECEPTACLE MODULE
NDL5531P NEC-NDL5531P Datasheet
75Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Renesas Technology Corp
NR8300FP-CC RENESAS-NR8300FP-CC_15 Datasheet
191Kb / 11P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS f 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
California Eastern Labs
NDL5421P CEL-NDL5421P_00 Datasheet
36Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50um InGaAs PIN PHOTO DIODE MODULE
NDL5461P CEL-NDL5461P_00 Datasheet
37Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 80 um InGaAs PIN PHOTO DIODE MODULE
NDL5551P CEL-NDL5551P_00 Datasheet
48Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5531P CEL-NDL5531P_00 Datasheet
47Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
logo
NEC
NDL5481P NEC-NDL5481P Datasheet
68Kb / 8P
   1 300 nm OPTICAL ANALOG CATV SYSTEM 80 mm InGaAs PIN PHOTO DIODE MODULE WITH SMF
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com