Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM12S5-3000 Datasheet(PDF) 2 Page - Wall Industries,Inc.

No. de pieza DM12S5-3000
Descripción Electrónicos  15 Watt DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WALL [Wall Industries,Inc.]
Página de inicio  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DM12S5-3000 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DM12S5-3000 Datasheet HTML 1Page - Wall Industries,Inc. DM12S5-3000 Datasheet HTML 2Page - Wall Industries,Inc. DM12S5-3000 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DM Series
Single and Dual Output
15 Watt DC/DC Converter
2:1 Wide Input Voltage Range
OUTPUT VOLTAGE / CURRENT RATING CHART
Output Current
Input Current
Model Number
Input Range
Output
Voltage
Min. load
Full load
Output
(4)
Ripple & Noise
No load
(3)
Full load
(2)
Efficiency
(4)
Capacitor
(5)
Load max
DM12S3.3-4000
3.3 VDC
0mA
4000mA
50mVp-p
30mA
1467mA
79%
10200uF
DM12S5-3000
5 VDC
15mA
3000mA
50mVp-p
25mA
1603mA
82%
7050uF
DM12S12-1250
12 VDC
0mA
1250mA
50mVp-p
25mA
1524mA
86%
1035uF
DM12S15-1000
15 VDC
0mA
1000mA
50mVp-p
20mA
1524mA
86%
705uF
DM12D5-1500
± 5 VDC
0mA
± 1500mA
75mVp-p
20mA
1582mA
83%
± 1020uF
DM12D12-625
± 12 VDC
0mA
± 625mA
75mVp-p
30mA
1524mA
86%
± 495uF
DM12D15-500
12 VDC
(9 - 18 VDC)
± 15 VDC
±10mA
± 500mA
75mVp-p
35mA
1563mA
84%
± 165uF
DM24S3.3-4000
3.3 VDC
0mA
4000mA
50mVp-p
15mA
724mA
80%
10200uF
DM24S5-3000
5 VDC
15mA
3000mA
50mVp-p
10mA
781mA
84%
7050uF
DM24S12-1250
12 VDC
0mA
1250mA
50mVp-p
20mA
772mA
85%
1035uF
DM24S15-1000
15 VDC
10mA
1000mA
50mVp-p
15mA
772mA
85%
705uF
DM24D5-1500
± 5 VDC
0mA
± 1500mA
75mVp-p
15mA
781mA
84%
± 1020uF
DM24D12-625
± 12 VDC
0mA
± 625mA
75mVp-p
25mA
762mA
86%
± 495uF
DM24D15-500
24 VDC
(18 - 36 VDC)
± 15 VDC
0mA
± 500mA
75mVp-p
25mA
762mA
86%
± 165uF
DM48S3.3-4000
3.3 VDC
0mA
4000mA
50mVp-p
10mA
357mA
81%
10200uF
DM48S5-3000
5 VDC
0mA
3000mA
50mVp-p
20mA
396mA
83%
7050uF
DM48S12-1250
12 VDC
10mA
1250mA
50mVp-p
15mA
377mA
87%
1035uF
DM48S15-1000
15 VDC
0mA
1000mA
50mVp-p
15mA
381mA
86%
705uF
DM48D5-1500
± 5 VDC
0mA
± 1500mA
75mVp-p
10mA
386mA
85%
± 1020uF
DM48D12-625
± 12 VDC
0mA
± 625mA
75mVp-p
15mA
372mA
88%
± 495uF
DM48D15-500
48 VDC
(36 - 75 VDC)
± 15 VDC
0mA
± 500mA
75mVp-p
15mA
377mA
87%
± 165uF
NOTES
1.
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC. (Ground fixed and controlled environment)
2.
Maximum value at nominal input voltage and full load
3.
Typical value at nominal input voltage and no load.
4.
Typical value at nominal input voltage and full load.
5.
Test by minimum Vin and constant resistive load.
6.
The output requires a minimum loading on the output to maintain specified regulation. Operation under no-load condition will not damage these
devices, however they may not meet all listed specifications.
7.
The ON/OFF control pin voltage is referenced to -Vin.
To order positive logic ON-OFF control add the suffix P (Ex: DM48S5-3000P)
To order negative logic ON-OFF control add the suffix R (Ex: DM48S5-3000R)
8.
Heat sink is optional, consult factory.
9.
The DM Series can meet EN55022 Class A with an external capacitor in parallel with the input pins.
Recommended: 12Vin: 6.8μF/50V 24Vin: 2.2μF/50V 48Vin: 1.5μF/100V
10.
An external filter capacitor is required if the module has to meet EN61000-4-5. The filter capacitor Wall Industries suggests: Nippon chemi-con
KY Series 220uF/100V ESR 48mΩ.
FEC15-48S05 Derating Curve
With Heatsink (Note 8 )
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(℃)
69
FEC15-48S05 Derating Curve
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(℃)
63
FEC15-48S05
Efficiency VS Output Load
45
50
55
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
FEC15-48S05
Efficiency VS Input Voltage
74%
76%
78%
80%
82%
84%
86%
36
40
44
48
52
56
60
64
68
72
INPUT VOLTAGE (V)
DERATING CURVES & EFFICIENCY GRAPHS
Ambient Temperature (°C)
Ambient Temperature (°C)
DM48S5-3000 Derating Curve
DM48S5-3000
Derating Curve With Heat Sink (Note 8)
DM48S5-3000
Efficiency vs Output Load
DM48S5-3000 Efficiency vs Input Voltage
Output Load (% of Full Load)
Input Voltage (V)


Número de pieza similar - DM12S5-3000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wall Industries,Inc.
DM12S5-3000 WALL-DM12S5-3000 Datasheet
250Kb / 3P
   Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
More results

Descripción similar - DM12S5-3000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
AM20EW-NZ AIMTEC-AM20EW-NZ Datasheet
199Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-NZ AIMTEC-AM15EW-NZ Datasheet
201Kb / 4P
   15 Watt | DC-DC Converter
AM15W-NZ AIMTEC-AM15W-NZ Datasheet
149Kb / 4P
   15 Watt | DC-DC Converter
AM15E-Z AIMTEC-AM15E-Z_13 Datasheet
424Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-I AIMTEC-AM15EW-I Datasheet
123Kb / 2P
   15 Watt | DC-DC Converter
logo
Wall Industries,Inc.
YFW15 WALL-YFW15 Datasheet
130Kb / 3P
   15 Watt DC/DC Converter
logo
AIMTEC
AM15E-IZ AIMTEC-AM15E-IZ Datasheet
536Kb / 5P
   15 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com