Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMW48S5-3000 Datasheet(PDF) 6 Page - Wall Industries,Inc.

No. de pieza DMW48S5-3000
Descripción Electrónicos  15.3 Watts DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WALL [Wall Industries,Inc.]
Página de inicio  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DMW48S5-3000 Datasheet(HTML) 6 Page - Wall Industries,Inc.

  DMW48S5-3000 Datasheet HTML 1Page - Wall Industries,Inc. DMW48S5-3000 Datasheet HTML 2Page - Wall Industries,Inc. DMW48S5-3000 Datasheet HTML 3Page - Wall Industries,Inc. DMW48S5-3000 Datasheet HTML 4Page - Wall Industries,Inc. DMW48S5-3000 Datasheet HTML 5Page - Wall Industries,Inc. DMW48S5-3000 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/24/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 6 of 6
DMW Ultra Wide Series
Single and Dual Output
4:1 Ultra Wide Input Voltage Range
Up to 15.3 Watts DC/DC Converters
Rev C
probe and thermocouple
Position of air velocity
50mm / 2in
Air Flow
15mm / 0.6in
DUT
Output Ripple Reduction
A good quality low ESR capacitor placed as close as possible across the load will give the best ripple and noise performance. To reduce output ripple, it is
recommended to use 4.7µF capacitors at the output.
Thermal Considerations
Many conditions affect the thermal performance of the power module, such as orientation, airflow over the module, and board spacing. To avoid exceeding
the maximum temperature rating of the components inside the power module, the case temperature must be kept below 100°C. The derating curves are
determined from measurements obtained in an experimental apparatus.
COMPANY INFORMATION:
Wall Industries, Inc. has created custom and modified units for over 40 years. Our in-house research and development engineers will provide a solution that
exceeds your performance requirements on time and on budget. Our ISO9001-2008 certification is just one example of our commitment to producing a high
quality, well documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its customers to ensure
each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing support for your project above and beyond the
design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)587-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
5 Watson Brook Rd.
Exeter, NH 03833
Load
Load
+
DC Power
Source
-
+Vin
+Out
Dual Output
DC / DC
Com.
Converter
-Vin
-Out
Cout
Cout
DC / DC
Load
+
DC Power
Source
-
+Vin
+Out
Single Output
Converter
-Vin
-Out
Cout


Número de pieza similar - DMW48S5-3000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wall Industries,Inc.
DMW48S5-3000 WALL-DMW48S5-3000 Datasheet
236Kb / 9P
   Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DMW48S5-3000 WALL-DMW48S5-3000 Datasheet
294Kb / 6P
   Single and Dual Output
More results

Descripción similar - DMW48S5-3000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
UM3500 ETC1-UM3500 Datasheet
96Kb / 2P
   40 Watts DC-DC Converters
JTA15 ETC1-JTA15 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
logo
Wall Industries,Inc.
DCMUA15 WALL-DCMUA15 Datasheet
292Kb / 4P
   15 Watts DC/DC Power Converters
logo
Murata Power Solutions ...
PWR5105C MURATA-PS-PWR5105C Datasheet
107Kb / 3P
   9 WATTS REGULATED DC/DC CONVERTERS
PWR1300AC MURATA-PS-PWR1300AC Datasheet
141Kb / 4P
   1.5 Watts Unregulated DC/DC Converters
logo
Wall Industries,Inc.
DCMUA15 WALL-DCMUA15_16 Datasheet
385Kb / 4P
   15 Watts DC/DC Power Converters
logo
Murata Power Solutions ...
PWR1200C MURATA-PS-PWR1200C Datasheet
209Kb / 4P
   3 Watts Unregulated DC/DC Converters
logo
List of Unclassifed Man...
WR201 ETC1-WR201 Datasheet
516Kb / 2P
   DC/DC Converters 7.5 Watts WR Series
logo
Vicor Corporation
VI-J00 VICOR-VI-J00 Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VI-200 VICOR-VI-200 Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com