Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMQ-C74 Datasheet(PDF) 4 Page - SYNERGY MICROWAVE CORPORATION

No. de pieza SMQ-C74
Descripción Electrónicos  90쨘 HYBRID
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Página de inicio  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

SMQ-C74 Datasheet(HTML) 4 Page - SYNERGY MICROWAVE CORPORATION

  SMQ-C74 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION SMQ-C74 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION SMQ-C74 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION SMQ-C74 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
475 - 525 MHz
Optimized bandwidth
90º HYBRID
SURFACE MOUNT MODEL: SMQ-C74
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © Synergy Microwave Corporation
[ 4 of 4 ]
data @ 25ºC
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
475
480
485
490
495
500
505
510
515
520
525
Frequency (MHz)


Número de pieza similar - SMQ-C74

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SYNERGY MICROWAVE CORPO...
SMQ-C01 SYNERGY-SMQ-C01 Datasheet
376Kb / 4P
   90쨘 HYBRID
SMQ-C02 SYNERGY-SMQ-C02 Datasheet
342Kb / 4P
   90쨘 HYBRID 2:1 SURFACE MOUNT Bandwidth 40 - 80 MHz
SMQ-C03 SYNERGY-SMQ-C03 Datasheet
461Kb / 4P
   2:1 bandwidth
SMQ-C04 SYNERGY-SMQ-C04 Datasheet
472Kb / 4P
   90쨘 HYBRID
SMQ-C05 SYNERGY-SMQ-C05 Datasheet
372Kb / 4P
   90쨘 HYBRID
More results

Descripción similar - SMQ-C74

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SYNERGY MICROWAVE CORPO...
SMQ-C68 SYNERGY-SMQ-C68 Datasheet
352Kb / 4P
   90쨘 HYBRID
SLQ-54 SYNERGY-SLQ-54 Datasheet
369Kb / 4P
   90쨘 HYBRID
SMQ-C01 SYNERGY-SMQ-C01 Datasheet
376Kb / 4P
   90쨘 HYBRID
DQS-30-500 SYNERGY-DQS-30-500 Datasheet
291Kb / 3P
   90쨘 HYBRID
SMQ-C05 SYNERGY-SMQ-C05 Datasheet
372Kb / 4P
   90쨘 HYBRID
SMQ-C07 SYNERGY-SMQ-C07 Datasheet
462Kb / 4P
   90쨘 HYBRID
DQP-2-125 SYNERGY-DQP-2-125 Datasheet
263Kb / 4P
   90쨘 HYBRID
SMQ-C04 SYNERGY-SMQ-C04 Datasheet
472Kb / 4P
   90쨘 HYBRID
MSQ100800 SYNERGY-MSQ100800 Datasheet
390Kb / 4P
   90쨘 HYBRID
SLQ-KA3 SYNERGY-SLQ-KA3 Datasheet
495Kb / 4P
   90쨘 HYBRID
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com