Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FW300A1 Datasheet(PDF) 7 Page - Lineage Power Corporation

No. de pieza FW300A1
Descripción Electrónicos  dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINEAGEPOWER [Lineage Power Corporation]
Página de inicio  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

FW300A1 Datasheet(HTML) 7 Page - Lineage Power Corporation

Back Button FW300A1 Datasheet HTML 3Page - Lineage Power Corporation FW300A1 Datasheet HTML 4Page - Lineage Power Corporation FW300A1 Datasheet HTML 5Page - Lineage Power Corporation FW300A1 Datasheet HTML 6Page - Lineage Power Corporation FW300A1 Datasheet HTML 7Page - Lineage Power Corporation FW300A1 Datasheet HTML 8Page - Lineage Power Corporation FW300A1 Datasheet HTML 9Page - Lineage Power Corporation FW300A1 Datasheet HTML 10Page - Lineage Power Corporation FW300A1 Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Lineage Power
7
Data Sheet
April 2008
dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 250 W to 300 W
FW250A1 and FW300A1 Power Modules:
Characteristic Curves (continued)
8-1749 (C)
Figure 5. Typical FW250A1 Efficiency vs. Output
Current at Room Temperature
8-1750 (C)
Figure 6. Typical FW300A1 Efficiency vs. Output
Current at Room Temperature
8-1751 (C).a
Note: See Figure 15 for test conditions.
Figure 7. Typical FW250A1 Output Ripple Voltage
at Room Temperature and 50 A Output
8-1752 (C)
Note: See Figure 15 for test conditions.
Figure 8. Typical FW300A1 Output Ripple Voltage
at Room Temperature and 60 A Output
79
75
83
OUTPUT CURRENT, IO (A)
81
77
76
85
78
80
84
82
86
044
48
4
12
8
16 20
24
28 32
36
40
VI = 36 V
VI = 54 V
VI = 72 V
82
80
OUTPUT CURRENT, IO (A)
83
85
81
0
612
18
24
30
36
42
48
60
84
86
54
75
76
77
78
79
VI = 72 V
VI = 54 V
VI = 36 V
TIME, t (500 ns/div)
VI = 48 V
TIME, t (500 ns/div)
VI = 48 V


Número de pieza similar - FW300A1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lineage Power Corporati...
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
More results

Descripción similar - FW300A1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lineage Power Corporati...
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
LAW005A LINEAGEPOWER-LAW005A Datasheet
358Kb / 8P
   LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
logo
Tyco Electronics
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
   dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
   36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
logo
Tyco Electronics
FC250R MACOM-FC250R Datasheet
1Mb / 20P
   Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com