Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDSDAB-064G Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

No. de pieza SDSDAB-064G
Descripción Electrónicos  SanDisk SD Card
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SDSDAB-064G Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button SDSDAB-064G Datasheet HTML 11Page - List of Unclassifed Manufacturers SDSDAB-064G Datasheet HTML 12Page - List of Unclassifed Manufacturers SDSDAB-064G Datasheet HTML 13Page - List of Unclassifed Manufacturers SDSDAB-064G Datasheet HTML 14Page - List of Unclassifed Manufacturers SDSDAB-064G Datasheet HTML 15Page - List of Unclassifed Manufacturers SDSDAB-064G Datasheet HTML 16Page - List of Unclassifed Manufacturers SDSDAB-064G Datasheet HTML 17Page - List of Unclassifed Manufacturers SDSDAB-064G Datasheet HTML 18Page - List of Unclassifed Manufacturers SDSDAB-064G Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
SanDisk SD Card - OEM Product Manual
Interface Description
11/2010, Version 2.9. © 2007 - 2010 SanDisk Corporation. SanDisk Confidential, subject to all applicable non-disclosure agreements
12
12
The recommended power control scheme for SanDisk SD card is illustrated in Figure 3-1. Most
card connectors have a card detect switch that signals the SD host when the card is inserted.
After the host is aware of the card insertion, it turns on the FET switch to apply power to card's
VDD pin.
Once the card is inserted and all card pins are making contact, there is a delay before the FET
switch is turned on.
IMPORTANT: Because there are clamping diodes on the CMD, CLK, and DAT0-3 pins, it is
crucial to ensure that CLK, CMD, and DAT0-3 are at zero (0) volts during the delay and before
the FET switch is turned on. If any I/O pin, (CMD, CLK, or DAT0-3) goes above zero volts
during the delay and before power reaches the card VDD pin, it will forward bias the clamping
diodes and can cause the card to go into an unknown state.
It is the host's responsibility to make sure power gets to VDD before CMD, CLK, or DAT0-3 go
above zero volts.
3.4.2
Bus Operating Conditions
SPI Mode bus operating conditions are identical to SD Card Bus Mode operating conditions. For
details, see Section 6.6 of the SDA Physical Layer Specification, Version 3.01.
3.4.3
Bus Timing (Standard Mode)
See Section 6.7 of the SDA Physical Layer Specification, Version 3.01.
3.5
SD Card Registers
There is a set of eight registers within the card interface. However, the DSR Register is optional
and is not used in SanDisk SD Card. For specific information about all registers, refer to Section
5 of the SDA Physical Layer Specification, Version 3.01.
3.5.1
Operation Conditions Register
The Operation Conditions Register (OCR) stores a card's VDD voltage profile. Refer to Section
5.1 of the SDA Physical Layer Specification, Version 3.01 for more information.
3.5.2
Card Identification Register
The Card Identification (CID) Register is 16 bytes long and contains the unique card
identification number. It is programmed during card manufacturing and cannot be changed by
card hosts. See Table 3-4.


Número de pieza similar - SDSDAB-064G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
SDSDB-256-A10 AD-SDSDB-256-A10 Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
logo
List of Unclassifed Man...
SDSDM-256 ETC2-SDSDM-256 Datasheet
435Kb / 40P
   SanDisk SD Card Product Family
SDSDQ2-2048 ETC2-SDSDQ2-2048 Datasheet
1Mb / 2P
   From the world leader in flash memory cards
SDSDQAB-004G ETC2-SDSDQAB-004G Datasheet
768Kb / 27P
   OEM Product Manual
SDSDQAB-004G ETC1-SDSDQAB-004G Datasheet
1Mb / 4P
   Transforming possibilities into reality
More results

Descripción similar - SDSDAB-064G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SDSDM-256 ETC2-SDSDM-256 Datasheet
435Kb / 40P
   SanDisk SD Card Product Family
SDSQUAR-016G-GN6MA ETC1-SDSQUAR-016G-GN6MA Datasheet
205Kb / 1P
   16GB SANDISK ULTRA microSDHC CLASS 10 MEMORY CARD
logo
Red Lion Controls. Inc
NTCD-128 REDLION-NTCD-128 Datasheet
396Kb / 1P
   SD Card
logo
Western Digital Corpora...
SDIN7DP2-4G WESTERN-SDIN7DP2-4G Datasheet
351Kb / 2P
   SanDisk Commercial Embedded Storage Solutions
logo
FCI connector
10067847-001RLF FCI-CONNECTOR-10067847-001RLF Datasheet
269Kb / 8P
   SD CARD CONNECTOR
logo
Advantech Co., Ltd.
SQF-ISD ADVANTECH-SQF-ISD Datasheet
269Kb / 1P
   Industrial SD Card
15-Jan-2014
logo
List of Unclassifed Man...
412D02F-09PC003SV ETC2-412D02F-09PC003SV Datasheet
251Kb / 1P
   SD Card Receptacle
logo
Hirose Electric
DM1AA-SF-PEJ HIROSE-DM1AA-SF-PEJ Datasheet
259Kb / 6P
   SD Memory Card Connectors
logo
Mitsumi Electronics, Co...
CIM-F23 MITSUMI-CIM-F23 Datasheet
165Kb / 2P
   SD Memory Card Connectors
logo
Kyocera Kinseki Corpota...
5138 KSS-5138 Datasheet
413Kb / 2P
   micro SD Card Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com