Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7262SF Datasheet(PDF) 1 Page - Rohm

No. de pieza BU7262SF
Descripción Electrónicos  Input/Output Full Swing Input/Output Full Swing
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7262SF Datasheet(HTML) 1 Page - Rohm

  BU7262SF Datasheet HTML 1Page - Rohm BU7262SF Datasheet HTML 2Page - Rohm BU7262SF Datasheet HTML 3Page - Rohm BU7262SF Datasheet HTML 4Page - Rohm BU7262SF Datasheet HTML 5Page - Rohm BU7262SF Datasheet HTML 6Page - Rohm BU7262SF Datasheet HTML 7Page - Rohm BU7262SF Datasheet HTML 8Page - Rohm BU7262SF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200230-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
1/43
18.Apr.2014 Rev.003
TSZ22111・14・001
Operational Amplifiers
Input/Output Full Swing
CMOS Operational Amplifiers
BU7261G
BU7261SG
BU7262xxx
BU7262Sxxx
BU7264xx
BU7264Sxx
General Description
BU7261G / BU7262xxx / BU7264xx are low voltage
operating Input/Output full swing CMOS operational
amplifiers. BU7261SG / 7262Sxxx / BU7264Sxx have
an expanded operating temperature range. They have
low supply current and low input bias current. These
are suitable for sensor amplifiers and battery powered
equipments.
Features
 Operable with Low Voltage
 Input-Output Full Swing
 High Slew Rate
 Wide Temperature Range
 Low Input Bias Current
Applications
 Sensor Amplifier
 Consumer Equipment
 Battery-powered Equipment
 Portable Equipment
Key Specifications
 Operating Supply Voltage Range(single supply):
+1.8V to +5.5V
 Operating Temperature Range:
BU7261G, BU7262xxx, BU7264xx
-40°C to +85°C
BU7261SG, BU7262Sxxx, BU7264Sxx
-40°C to +105°C
 Slew Rate:
1.1 V/µs
 Input Offset Current:
1pA (Typ)
 Input Bias Current:
1pA (Typ)
Packages
W(Typ) x D(Typ) x H(Max)
SSOP5
2.90mm x 2.80mm x 1.25mm
SOP8
5.00mm x 6.20mm x 1.71mm
MSOP8
2.90mm x 4.00mm x 0.90mm
VSON008X2030
2.00mm x 3.00mm x 0.60mm
SOP14
8.70mm x 6.20mm x 1.71mm
SSOP-B14
5.00mm x 6.40mm x 1.35mm
Simplified Schematic
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays.
Figure 1. Simplified Schematic (1 channel only)
IN+
OUT
IN-
VDD
VSS
Vbias
Class
AB control
Vbias


Número de pieza similar - BU7262SF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7262SF ROHM-BU7262SF Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
BU7262SF ROHM-BU7262SF Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
BU7262SF ROHM-BU7262SF Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7262SF-E2 ROHM-BU7262SF-E2 Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7262SF-E2 ROHM-BU7262SF-E2 Datasheet
3Mb / 48P
   CMOS Operational Amplifiers
More results

Descripción similar - BU7262SF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
LM7101G ROHM-LM7101G Datasheet
583Kb / 21P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G_14 Datasheet
1Mb / 63P
   Input/Output Full Swing Low Power Operational Amplifiers
BU5265HFV ROHM-BU5265HFV Datasheet
477Kb / 20P
   Input Full Swing, Push-pull Output CMOS Comparators
LMR981G ROHM-LMR981G Datasheet
309Kb / 7P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G_V01 Datasheet
2Mb / 62P
   Input/Output Full Swing Low Power Operational Amplifiers
24.Mar.2021.Rev.006
BD5291G-TL ROHM-BD5291G-TL Datasheet
1Mb / 29P
   Input/Output Full Swing Low Input Offset Voltage Operational Amplifier
BD12730G ROHM-BD12730G_16 Datasheet
1Mb / 54P
   Low Supply Current Input/Output Full Swing Operational Amplifier
logo
New Japan Radio
NJM2732 NJRC-NJM2732 Datasheet
340Kb / 9P
   Full-Swing Input and Output type Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com