Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5402 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza 1N5402
Descripción Electrónicos  Low cost construction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

1N5402 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1N5402 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1N5402 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
3.0
2.0
1.0
0
0
25
50
75
100105 125
150
175
1
2
4
6 8 10
20
40
60 80100
8.3ms Single Half Sine-Wave
(JEDEC Method) T =T max
j
j
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
LEAD TEMPERATURE,( C)
o
NUMBER OF CYCLES AT 60 Hz
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
REVRESE VOLTAGE,(V)
1 Cycle
200
100
0
100
10
1.0
0.1
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FIG.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,(V)
T =25 C
Pulse Width=300us
1% Duty Cycle
j
o
100
10
1
0.1
1.0
10
100
20
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
T =100 C
j
o
T =25 C
j
o
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375 (9.5mm) Lead Length
T =25 C
f=1MHz
V =50mVp-p
j
o
sig
1N5400-5408
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Número de pieza similar - 1N5402

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
1N5402 TSC-1N5402 Datasheet
242Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
Yangzhou yangjie electr...
1N5402 YANGJIE-1N5402 Datasheet
210Kb / 4P
   General Purpose Rectifier
logo
Motorola, Inc
1N5402 MOTOROLA-1N5402 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Naina Semiconductor ltd...
1N5402 NAINA-1N5402 Datasheet
102Kb / 2P
   General Purpose Rectifier 3.0A
logo
Bytes
1N5402 BYTES-1N5402 Datasheet
151Kb / 2P
   3.0 AMP SILICON RECTIFIERS
More results

Descripción similar - 1N5402

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
6A05 ETC2-6A05 Datasheet
185Kb / 2P
   Low cost construction
FR101 ETC2-FR101 Datasheet
118Kb / 2P
   Low cost construction
logo
Pulse A Technitrol Comp...
CX2024ANL PULSE-CX2024ANL Datasheet
643Kb / 2P
   Low cost construction
logo
List of Unclassifed Man...
BA157 ETC2-BA157 Datasheet
117Kb / 2P
   Low cost construction
BY251 ETC2-BY251 Datasheet
174Kb / 2P
   Low cost construction
BY396 ETC2-BY396 Datasheet
117Kb / 2P
   Low cost construction
logo
Sangdest Microelectroni...
KBL4005 SMC-KBL4005 Datasheet
271Kb / 4P
   Reliable low cost construction utilizing molded plastic technique
logo
EUROQUARTZ limited
EQ158 EUROQUARTZ-EQ158 Datasheet
148Kb / 1P
   Low mass, rugged construction
logo
XFMRS Inc.
XF0010-HP XFMRS-XF0010-HP Datasheet
32Kb / 2P
   LOW COST
logo
CTS Corporation
744C083103JP CTS-744C083103JP Datasheet
182Kb / 4P
   Low Cost
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com