Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDS02-24S24W Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

No. de pieza SDS02-24S24W
Descripción Electrónicos  DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  P-DUKE [Power Mate Technology Co., LTD]
Página de inicio  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

SDS02-24S24W Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  SDS02-24S24W Datasheet HTML 1Page - Power Mate Technology Co., LTD SDS02-24S24W Datasheet HTML 2Page - Power Mate Technology Co., LTD SDS02-24S24W Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SDS02W
SDH02W
2
www.PDUKE.com
2014/10/02
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
12Vin(nom)
24Vin(nom)
48Vin(nom)
4.5
9
18
12
24
48
18
36
75
VDC
Start up time
Constant resistive load
Power up
Remote ON/OFF
5
5
10
10
ms
Input surge voltage
1 second, max.
12Vin(nom)
24Vin(nom)
48Vin(nom)
25
50
100
VDC
Input reflected ripple current(1)
12Vin(nom)
24Vin(nom)
48Vin(nom)
20
20
20
mAp-p
Input filter
Capacitor type
DC-DC ON
Open or high impedance
Ctrl pin applied current via 1k
DC-DC OFF
2.0
3.0
4.0
mA
Remote ON/OFF
Remote off input current
2.5
mA
Application circuit
DC-DC ON
DC-DC OFF
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
-1.0
+1.0
%
Line regulation
Low Line to High Line at Full Load
-0.2
+0.2
%
No Load to Full Load
Single
Dual
-1.0
-1.0
+1.0
+1.0
Load regulation
10% Load to 90% Load
Single
Dual
-0.5
-0.8
+0.5
+0.8
%
Cross regulation
Asymmetrical load 25%/100% FL
Dual
-5.0
+5.0
%
Ripple and noise
Measured by 20MHz bandwidth
50
mVp-p
Temperature coefficient
-0.02
+0.02
%/
Transient response recovery time
25% load step change
500
µs
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute
Standard
Suffix ”H”
1600
3000
VDC
Isolation resistance
500VDC
1
G
Isolation capacitance
Standard
Suffix ”H”
50
50
pF
Switching frequency
100
kHz
Design meets
UL60950-1
EN60950-1
IEC60950-1
Case material
Non-conductive black plastic
Base material
Non-conductive black plastic
Potting material
Silicone (UL94 V-0)
Weight
2.7g (0.10oz)
MTBF
MIL-HDBK-217F, Full load
6.204 x 10
6 hrs
ENVIRONMENTAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating ambient temperature
Without derating
With derating
-40
80
80
+105
Storage temperature range
-55
+125
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH


Número de pieza similar - SDS02-24S24W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Mate Technology C...
SDS02-24S24W P-DUKE-SDS02-24S24W Datasheet
436Kb / 3P
   DC-DC CONVERTER
More results

Descripción similar - SDS02-24S24W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com