Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SDS02-24D12W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD |
|
SDS02-24D12W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD |
1 / 3 page 1 www.PDUKE.com 2014/10/02 SDS02W SDH02W SERIES DC-DC CONVERTER 4:1 ULTRA WIDE INPUT RANGE UP TO 2WATTS FEATURES APPLICATIONS • ULTRA SMALL SMD AND DIP PACKAGE, 0.52 x 0.36x 0.40 INCH WITH REGULATED • SMD PACKAGE QUALIFIED FOR LEADFREE REFLOW SOLDER PROCESS ACCORDING IPC J-STD-020D • NO MINIMUM LOAD REQUIRED • CONTINUOUS SHORT CIRCUIT PROTECTION • 1600VDC INPUT TO OUTPUT ISOLATION AND 3000VDC FOR OPTION • SAFETY MEETS UL60950-1, EN60950-1, & IEC60950-1 • CE MARKED • COMPLIANT TO RoHS II & REACH • WIRELESS NETWORK • TELECOM/DATACOM • INDUSTRY CONTROL SYSTEM • MEASUREMENT EQUIPMENT • SEMICONDUCTOR EQUIPMENT 3000VDC ISOLATION 1600VDC ISOLATION REMOTE CONTROL OCP SCP TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25 ℃ otherwise noted Input Range Output Voltage Output Current @Full Load Input Current @ No Load Efficiency Maximum Capacitor Load Model Number VDC VDC mA mA % µF SDS(H)02-12S3P3W 4.5 ~ 18 3.3 500 25 77 2200 SDS(H)02-12S05W 4.5 ~ 18 5 400 30 80 1000 SDS(H)02-12S12W 4.5 ~ 18 12 167 30 83 550 SDS(H)02-12S15W 4.5 ~ 18 15 134 30 84 440 SDS(H)02-12S24W 4.5 ~ 18 24 83 30 84 200 SDS(H)02-12D05W 4.5 ~ 18 ±5 ±200 30 80 ±660 SDS(H)02-12D12W 4.5 ~ 18 ±12 ±83 30 84 ±330 SDS(H)02-12D15W 4.5 ~ 18 ±15 ±67 30 84 ±220 SDS(H)02-24S3P3W 9 ~ 36 3.3 500 15 76 2200 SDS(H)02-24S05W 9 ~ 36 5 400 18 79 1000 SDS(H)02-24S12W 9 ~ 36 12 167 18 82 550 SDS(H)02-24S15W 9 ~ 36 15 134 18 83 440 SDS(H)02-24S24W 9 ~ 36 24 83 18 82 200 SDS(H)02-24D05W 9 ~ 36 ±5 ±200 18 80 ±660 SDS(H)02-24D12W 9 ~ 36 ±12 ±83 18 82 ±330 SDS(H)02-24D15W 9 ~ 36 ±15 ±67 18 81 ±220 SDS(H)02-48S3P3W 18 ~ 75 3.3 500 8 75 2200 SDS(H)02-48S05W 18 ~ 75 5 400 8 81 1000 SDS(H)02-48S12W 18 ~ 75 12 167 11 83 550 SDS(H)02-48S15W 18 ~ 75 15 134 11 82 440 SDS(H)02-48S24W 18 ~ 75 24 83 11 82 200 SDS(H)02-48D05W 18 ~ 75 ±5 ±200 11 79 ±660 SDS(H)02-48D12W 18 ~ 75 ±12 ±83 11 82 ±330 SDS(H)02-48D15W 18 ~ 75 ±15 ±67 11 82 ±220 PART NUMBER STRUCTURE SDS02 - 48 S 05 W H Series Name Input Output Output Input Isolation Voltage Quantity Voltage Range Option (VDC) (VDC) SDS: SMD type 12: 4.5~18 S:Single 3P3:3.3 4:1 : 1600VDC Isolation SDH: DIP type 24: 9~36 05:5 H: 3000VDC Isolation 48:18~75 12:12 15:15 24:24 D:Dual 05:±5 12:±12 15:±15 |
Número de pieza similar - SDS02-24D12W |
|
Descripción similar - SDS02-24D12W |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |