Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC51 Datasheet(PDF) 1 Page - Hitachi Semiconductor

No. de pieza 74HC51
Descripción Electrónicos  2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

74HC51 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  74HC51 Datasheet HTML 1Page - Hitachi Semiconductor 74HC51 Datasheet HTML 2Page - Hitachi Semiconductor 74HC51 Datasheet HTML 3Page - Hitachi Semiconductor 74HC51 Datasheet HTML 4Page - Hitachi Semiconductor 74HC51 Datasheet HTML 5Page - Hitachi Semiconductor 74HC51 Datasheet HTML 6Page - Hitachi Semiconductor 74HC51 Datasheet HTML 7Page - Hitachi Semiconductor 74HC51 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HD74HC51
2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
Features
• High Speed Operation: t
pd = 10.5 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 1 µA max (Ta = 25°C)
Pin Arrangement
1
2
3
4
5
6
7
1A
2A
2B
2C
2D
2Y
GND
VCC
1C
1B
1F
1E
1D
1Y
14
13
12
11
10
9
8
(Top view)


Número de pieza similar - 74HC51

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74HC51 STMICROELECTRONICS-74HC51 Datasheet
199Kb / 9P
   DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
More results

Descripción similar - 74HC51

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HD74HC51 RENESAS-HD74HC51 Datasheet
90Kb / 7P
   2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
logo
Motorola, Inc
MC5474F51 MOTOROLA-MC5474F51 Datasheet
53Kb / 2P
   DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATE
logo
Fairchild Semiconductor
DM74LS51 FAIRCHILD-DM74LS51 Datasheet
47Kb / 4P
   Dual 2-Wide 2-Input, 2-Wide 3-Input AND-OR-INVERT Gate
74F51 FAIRCHILD-74F51 Datasheet
49Kb / 4P
   Dual 2-Wide 2-Input; 2-Wide 3-Input AND-OR-Invert Gate
logo
Nexperia B.V. All right...
74F51 NEXPERIA-74F51 Datasheet
198Kb / 9P
   Dual 2-wide 2-input, 2-wide 3-input AND-OR-invert gate
March 3, 1989
logo
Hitachi Semiconductor
HD74LS51 HITACHI-HD74LS51 Datasheet
42Kb / 5P
   2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gates
logo
Renesas Technology Corp
HD74LS51 RENESAS-HD74LS51 Datasheet
163Kb / 5P
   2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gates
logo
Motorola, Inc
SN54LS51 MOTOROLA-SN54LS51 Datasheet
48Kb / 2P
   DUAL 2-WIDE 2-INPUT/ 3-INPUT AND-OR-INVERT GATE
logo
Texas Instruments
SN74F51 TI1-SN74F51 Datasheet
85Kb / 5P
[Old version datasheet]   DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATES
logo
National Semiconductor ...
54LS51 NSC-54LS51 Datasheet
63Kb / 3P
   DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com