Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HD74HC646 Datasheet(PDF) 4 Page - Hitachi Semiconductor

No. de pieza HD74HC646
Descripción Electrónicos  Octal Bus Transceivers/Registers with Multiplexed 3-state outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC646 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD74HC646 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC646 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC646 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC646 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC646 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC646 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC646 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC646 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC646 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HD74HC646/HD74HC648
4
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Supply voltage range
V
CC
–0.5 to +7.0
V
Input voltage
V
IN
–0.5 to V
CC + 0.5
V
Output voltage
V
OUT
–0.5 to V
CC + 0.5
V
Output current
I
OUT
±35
mA
DC current drain per V
CC , GND
I
CC, IGND
±75
mA
DC input diode current
I
IK
±20
mA
DC output diode current
I
OK
±20
mA
Power Dissipation per package
P
T
500
mW
Storage temperature
Tstg
–65 to +150
°C
Logic Diagram
HD74HC646
x 7
A1
B1
CBA
CAB
SAB
SBA
G
DIR
Q
CBA
CBA
D
Q
CAB
CAB
D
VCC
VCC


Número de pieza similar - HD74HC646

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HD74HC640 HITACHI-HD74HC640 Datasheet
69Kb / 11P
   Octal Bus Transceivers (with 3-state outputs)
logo
Renesas Technology Corp
HD74HC640 RENESAS-HD74HC640 Datasheet
139Kb / 11P
   Octal Bus Transceivers (with 3-state outputs)
HD74HC640FPEL RENESAS-HD74HC640FPEL Datasheet
139Kb / 11P
   Octal Bus Transceivers (with 3-state outputs)
HD74HC640P RENESAS-HD74HC640P Datasheet
139Kb / 11P
   Octal Bus Transceivers (with 3-state outputs)
HD74HC640RPEL RENESAS-HD74HC640RPEL Datasheet
139Kb / 11P
   Octal Bus Transceivers (with 3-state outputs)
More results

Descripción similar - HD74HC646

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com