Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD49K31G-TL Datasheet(PDF) 10 Page - Rohm

No. de pieza BD49K31G-TL
Descripción Electrónicos  Standard CMOS Voltage Detector IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD49K31G-TL Datasheet(HTML) 10 Page - Rohm

Back Button BD49K31G-TL Datasheet HTML 6Page - Rohm BD49K31G-TL Datasheet HTML 7Page - Rohm BD49K31G-TL Datasheet HTML 8Page - Rohm BD49K31G-TL Datasheet HTML 9Page - Rohm BD49K31G-TL Datasheet HTML 10Page - Rohm BD49K31G-TL Datasheet HTML 11Page - Rohm BD49K31G-TL Datasheet HTML 12Page - Rohm BD49K31G-TL Datasheet HTML 13Page - Rohm BD49K31G-TL Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Datasheet
10/15
BD48xxx series
BD49xxx series
TSZ02201-0R7R0G300030-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013.Rev.008
www.rohm.com
TSZ22111
15
001
Typical Performance Curves – continued
Fig.7 Operating Limit Voltage
[V]
0.0
0.2
0.4
0.6
0.8
1.0
0
0.5
1
1.5
2
2.5
SUPPLY
VOLTAGE
:
【BD4842G/FVE
Fig.9 Circuit Current when ON
0.0
0.5
1.0
1.5
-40 -20
0
20
40
60
80
100
TEMPERATURE
Ta[
]
【BD 4842G/FVE】
Fig.10 Circuit Current when OFF
0.0
0.5
1.0
1.5
-40 -20
0
20
40
60
80
100
TEMPERATURE
Ta[
]
【BD 4842G/FVE】
【 BD48x42x 】
【 BD48x42x
【 BD48x42x
BD49x42
BD48x42
BD49x42
BD48x42
BD49x42
BD48x42
Fig.8 Detection Voltage
Release Voltage
3.0
3.4
3.8
4.2
4.6
5.0
5.4
-40
0
40
80
TEMPERATURE
:
Ta[
]
【BD4842G/FVE】
Low
to
High(V
DET
+
∆V
DET
High
to
Low(V
DET
【 BD48x42x
BD49x42
BD48x42


Número de pieza similar - BD49K31G-TL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD49K31G-TL ROHM-BD49K31G-TL Datasheet
509Kb / 19P
   Standard CMOS Voltage Detector IC
BD49K31G-TL ROHM-BD49K31G-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD49K31G-TL ROHM-BD49K31G-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD49K31G-TL ROHM-BD49K31G-TL Datasheet
507Kb / 18P
   Standard CMOS Standard CMOS
BD49K31G-TL ROHM-BD49K31G-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results

Descripción similar - BD49K31G-TL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48XXG ROHM-BD48XXG_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4850G-TR ROHM-BD4850G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com