Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC220LL-102L-RC Datasheet(PDF) 1 Page - Allied Components International

No. de pieza TC220LL-102L-RC
Descripción Electrónicos  Toroidal Chokes Low Loss
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALLIED [Allied Components International]
Página de inicio  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

TC220LL-102L-RC Datasheet(HTML) 1 Page - Allied Components International

  TC220LL-102L-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Low Magnetic Radiation
• Low Core Loss
• High current capacity up to 26A
• Expanded operating temp range
Electrical
Inductance Range: 1.0µh to 1000µh
Additional values available
15% from 10µh to 1000µh
Tolerance: 20% from 1.0µh to 8.2µh,
( )TC220LL-1R0M-RC
( )TC220LL-1R8M-RC
( )TC220LL-2R7M-RC
( )TC220LL-3R9M-RC
( )TC220LL-4R7M-RC
( )TC220LL-6R8M-RC
( )TC220LL-8R2M-RC
( )TC220LL-100L-RC
( )TC220LL-120L-RC
( )TC220LL-150L-RC
( )TC220LL-180L-RC
( )TC220LL-220L-RC
( )TC220LL-270L-RC
( )TC220LL-330L-RC
( )TC220LL-390L-RC
( )TC220LL-470L-RC
( )TC220LL-560L-RC
( )TC220LL-680L-RC
( )TC220LL-820L-RC
( )TC220LL-101L-RC
( )TC220LL-121L-RC
( )TC220LL-151L-RC
( )TC220LL-181L-RC
( )TC220LL-221L-RC
( )TC220LL-271L-RC
( )TC220LL-331L-RC
( )TC220LL-391L-RC
( )TC220LL-471L-RC
( )TC220LL-561L-RC
( )TC220LL-680L-RC
( )TC220LL-821L-RC
( )TC220LL-102L-RC
Allied
Part
Number
Inductance
(µh)
L(µH)
@
IDC
(A)
DIM
(Nom)
1.0
1.8
2.7
3.9
4.7
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
271
330
390
470
560
680
820
1000
26.1
22.6
20.3
18.5
17.1
16.0
15.1
14.3
14.2
13.6
13.1
12.6
11.8
11.1
10.8
10.3
9.8
7.6
7.1
6.8
5.1
4.9
4.7
4.4
4.2
4.0
3.8
3.7
3.5
2.7
2.5
2.4
1.05
1.05
1.05
1.05
1.05
1.05
1.05
1.05
1.05
1.05
1.05
1.05
1.05
1.05
1.05
1.05
1.05
1.03
1.03
1.03
1.01
1.01
1.01
1.01
1.01
1.01
1.01
1.01
1.01
0.99
0.99
0.99
.053
.053
.053
.053
.053
.053
.053
.053
.053
.053
.053
.053
.053
.053
.053
.053
.053
.042
.042
.042
.034
.034
.034
.034
.034
.034
.034
.034
.034
.027
.027
.027
Please specify Vertical or Horizontal Mount by placing a V or H at the beginning of the part number,
i.e. VTC220LL-1R0M (Vertical Mount). All specifications subject to change without notice.
DCR
(Ω)
.8
1.4
1.9
2.7
3.1
4.4
5.1
6.0
6.9
8.3
9.7
11.5
13.5
15.7
18.1
20.9
23.9
33.9
39.0
45.6
63.4
76.0
88.5
103.1
121.1
141.9
161.2
185.7
212.0
307.6
355.5
412.5
.47
.47
.47
.47
.47
.47
.47
.47
.47
.47
.47
.47
.47
.47
.47
.47
.47
.45
.45
.45
.43
.43
.43
.43
.43
.43
.43
.43
.43
.47
.47
.47
.002
.002
.003
.004
.004
.005
.005
.006
.006
.007
.007
.008
.009
.010
.011
.012
.013
.022
.024
.027
.047
.052
.057
.063
.070
.077
.084
.092
.101
.176
.194
.216
Tolerance
(%)
20
20
20
20
20
20
20
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
Toroidal Chokes Low Loss
TC220LL
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
Vertical Mount
Horizontal Mount
0.55
(13.97)
MAX
A
B
C
1.1
(27.94)
MAX
Dimensions:
Inches
(mm)
Tin lead to coil
0.50
(13.97)
• Low DC Resistance
• Available in Horizontal or Vertical configuration
• Optional Tape Cover
Test Frequency: 1KHz
Operating Temp: -55ºC ~ +125ºC
Storage Temp: -55ºC ~ +125ºC
Temp Rise: ∆ T=30ºC Typical at rated IDC
Part temperature should not exceed 125ºC
including temperature rise.
Test Equipment
(L): 100 LCR meter or equivalent
DCR: Chen Hwa 502
Physical
Packaging: Bulk
Marking: None
REVISED 02/15/10
@ 1KHZ
MAX
A
DIM
(Nom)
B
DIM
(Nom)
C


Número de pieza similar - TC220LL-102L-RC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allied Components Inter...
TC220LL-102L-RC ALLIED-TC220LL-102L-RC Datasheet
364Kb / 1P
   Toroidal Chokes Low Loss
TC220LL-102L-RC ALLIED-TC220LL-102L-RC Datasheet
1Mb / 1P
   Toroidal Chokes Low Loss
More results

Descripción similar - TC220LL-102L-RC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allied Components Inter...
TC230LL-1R5M-RC ALLIED-TC230LL-1R5M-RC Datasheet
1Mb / 1P
   Toroidal Chokes Low Loss
TC220LL-1R0M-RC ALLIED-TC220LL-1R0M-RC_10 Datasheet
1Mb / 1P
   Toroidal Chokes Low Loss
TC220LL-1R0M-RC ALLIED-TC220LL-1R0M-RC Datasheet
364Kb / 1P
   Toroidal Chokes Low Loss
TC230LL ALLIED-TC230LL Datasheet
1Mb / 1P
   Toroidal Chokes Low Loss
VTCB210-100L-RC ALLIED-VTCB210-100L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
TC100-1R0M-RC ALLIED-TC100-1R0M-RC Datasheet
377Kb / 1P
   Toroidal Chokes
TC210 ALLIED-TC210 Datasheet
1Mb / 1P
   Toroidal Chokes
VTC0690 ALLIED-VTC0690 Datasheet
215Kb / 1P
   Toroidal Chokes
VTC570 ALLIED-VTC570 Datasheet
1Mb / 1P
   Toroidal Chokes
TC100 ALLIED-TC100 Datasheet
378Kb / 1P
   Toroidal Chokes
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com