Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB2518T102 Datasheet(PDF) 5 Page - Taiyo Yuden (U.S.A.), Inc

No. de pieza LB2518T102
Descripción Electrónicos  WIRE-WOUND CHIP INDUCTORS (LB SERIES)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Página de inicio  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LB2518T102 Datasheet(HTML) 5 Page - Taiyo Yuden (U.S.A.), Inc

  LB2518T102 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LB2518T102 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LB2518T102 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LB2518T102 Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LB2518T102 Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LB2518T102 Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LB2518T102 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LB2518T102 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LB2518T102 Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
83
12
wound01_e-02
PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
3218(1297)TYPE
3225(1210)TYPE
Ordering code
EHS
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant frequency
〔MHz〕min.
DC Resistance
〔Ω〕
(±30%)
Rated current
〔mA〕max.
Measuring frequency
〔MHz〕
LB 3218T1R0M
RoHS
1.0
±20%
100
0.06
1075
7.96
LB 3218T1R5M
RoHS
1.5
80
0.07
860
LB 3218T2R2M
RoHS
2.2
68
0.09
775
LB 3218T3R3M
RoHS
3.3
54
0.11
560
LB 3218T4R7M
RoHS
4.7
41
0.13
550
LB 3218T6R8M
RoHS
6.8
40
0.17
380
LB 3218T100□
RoHS
10
±10%
±20%
30
0.25
340
2.52
LB 3218T150□
RoHS
15
25
0.32
300
LB 3218T220□
RoHS
22
19
0.49
255
LB 3218T330□
RoHS
33
15
0.75
215
LB 3218T470□
RoHS
47
12
0.92
205
LB 3218T680□
RoHS
68
11
1.49
145
LB 3218T101□
RoHS
100
8
2.4
140
0.796
LB 3218T151□
RoHS
150
7
3.2
105
LB 3218T221□
RoHS
220
5
5.4
80
LB 3218T331□
RoHS
330
4
7.0
65
LB 3218T471□
RoHS
470
3.5
14
54
LB 3218T681□
RoHS
680
3.0
17
45
LB 3218T102□
RoHS
1000
2.4
27
39
0.252
・□Please specify the Inductance tolerance code(K or M)
Ordering code
EHS
Inductance
〔μH〕
Inductance
Tolerance
Self-resonant frequency
〔MHz〕min.
DC Resistance
〔Ω〕
(±30%)
Rated current
〔mA〕max.
Measuring frequency
〔MHz〕
LB C3225T1R0MR
RoHS
1.0
±20%
250
0.055
1100
0.1
LB C3225T1R5MR
RoHS
1.5
220
0.060
1000
LB C3225T2R2MR
RoHS
2.2
190
0.080
930
LB C3225T3R3MR
RoHS
3.3
160
0.095
820
LB C3225T4R7MR
RoHS
4.7
70
0.100
680
LB C3225T6R8MR
RoHS
6.8
50
0.120
620
LB C3225T100□R
RoHS
10
±10%
±20%
23
0.133
540
LB C3225T150□R
RoHS
15
20
0.195
420
LB C3225T220□R
RoHS
22
17
0.27
330
LB C3225T330□R
RoHS
33
13
0.41
300
LB C3225T470□R
RoHS
47
10
0.67
220
LB C3225T680□R
RoHS
68
8
1.0
190
LB C3225T101□R
RoHS
100
6
1.4
150
・□Please specify the Inductance tolerance code(K or M)


Número de pieza similar - LB2518T102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiyo Yuden (U.S.A.), I...
LB2518T102 TAIYO-YUDEN-LB2518T102 Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
LB2518T102 TAIYO-YUDEN-LB2518T102 Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
LB2518T102 TAIYO-YUDEN-LB2518T102 Datasheet
651Kb / 14P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
LB2518T102K TAIYO-YUDEN-LB2518T102K Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2518T102K TAIYO-YUDEN-LB2518T102K Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
More results

Descripción similar - LB2518T102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiyo Yuden (U.S.A.), I...
LB2518T470M TAIYO-YUDEN-LB2518T470M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T471M TAIYO-YUDEN-LB2518T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T2R2M TAIYO-YUDEN-LB2518T2R2M Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T4R7M TAIYO-YUDEN-LB2518T4R7M Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T102K TAIYO-YUDEN-LB3218T102K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T221K TAIYO-YUDEN-LB3218T221K Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T470M TAIYO-YUDEN-LB3218T470M_19 Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T471M TAIYO-YUDEN-LB3218T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T101M TAIYO-YUDEN-LB2012T101M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T150K TAIYO-YUDEN-LB2012T150K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T470K TAIYO-YUDEN-LB2012T470K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com