Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ACTQ245 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza 74ACTQ245
Descripción Electrónicos  Quiet Series Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ245 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ACTQ245 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ245 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ245 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ245 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ245 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ245 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ245 Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ245 Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ245 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics for ACQ
Note 14: Voltage Range 5.0 is 5.0V
r 0.5V
Voltage Range 3.3 is 3.3V
r 0.3V
Note 15: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
AC Electrical Characteristics for ACTQ
Note 16: Voltage Range 5.0 is 5.0V
r 0.5V
Note 17: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Capacitance
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 14)
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
3.3
2.0
7.5
10.0
2.0
10.5
ns
tPLH
Data to Output
5.0
1.5
5.0
6.5
1.5
7.0
tPZL
Output Enable Time
3.3
3.0
8.5
13.0
3.0
13.5
ns
tPZH
5.0
2.0
6.0
8.5
2.0
9.0
tPHZ
Output Disable Time
3.3
1.0
8.5
14.5
1.0
15.0
ns
tPLZ
5.0
1.0
7.5
9.5
1.0
10.0
tOSHL
Output to Output Skew (Note 15)
3.3
1.0
1.5
1.5
ns
tOSLH
Data to Output
5.0
0.5
1.0
1.0
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 16)
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
5.0
1.5
5.5
7.0
1.5
7.5
ns
tPLH
Data to Output
tPZL, tPZH
Output Enable Time
5.0
2.0
7.0
9.0
2.0
9.5
ns
tPHZ, tPLZ
Output Disable Time
5.0
1.0
8.0
10.0
1.0
10.5
ns
tOSHL
Output to Output Skew (Note 17)
5.0
0.5
1.0
1.0
ns
tOSLH
Data to Output
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC OPEN
CI/O
Input/Output Capacitance
15
pF
VCC 5.0V
CPD
Power Dissipation Capacitance
80.0
pF
VCC 5.0V


Número de pieza similar - 74ACTQ245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ACTQ245 FAIRCHILD-74ACTQ245 Datasheet
351Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74ACTQ245MSA FAIRCHILD-74ACTQ245MSA Datasheet
351Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74ACTQ245MSA FAIRCHILD-74ACTQ245MSA Datasheet
461Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74ACTQ245MTC FAIRCHILD-74ACTQ245MTC Datasheet
351Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74ACTQ245MTC FAIRCHILD-74ACTQ245MTC Datasheet
461Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com