Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4401DY-T1 Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI4401DY-T1
Descripción Electrónicos  P-Channel 40-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4401DY-T1 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4401DY-T1 Datasheet HTML 1Page - Vishay Siliconix SI4401DY-T1 Datasheet HTML 2Page - Vishay Siliconix SI4401DY-T1 Datasheet HTML 3Page - Vishay Siliconix SI4401DY-T1 Datasheet HTML 4Page - Vishay Siliconix SI4401DY-T1 Datasheet HTML 5Page - Vishay Siliconix SI4401DY-T1 Datasheet HTML 6Page - Vishay Siliconix SI4401DY-T1 Datasheet HTML 7Page - Vishay Siliconix SI4401DY-T1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number: 71226
S09-0322-Rev. D, 02-Mar-09
Vishay Siliconix
Si4401DY
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 1.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 32 V, VGS = 0 V
- 1
µA
VDS = - 32 V, VGS = 0 V, TJ = 70 °C
- 10
On-State Drain Currenta
ID(on)
VDS = - 5 V, VGS = - 10 V
- 30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V, ID = - 10.5 A
0.013
0.0155
Ω
VGS = - 4.5 V, ID = - 8.7 A
0.0185
0.0225
Forward Transconductancea
gfs
VDS = - 15 V, ID = - 10.5 A
26
S
Diode Forward Voltagea
VSD
IS = - 2.7 A, VGS = 0 V
- 0.74
- 1.1
V
Dynamicb
Total Gate Charge
Qg
VDS = - 15 V, VGS = - 5 V, ID = - 10.5 A
37.5
50
nC
Gate-Source Charge
Qgs
14.3
Gate-Drain Charge
Qgd
10.7
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 15 Ω
ID ≅ - 1 A, VGEN = - 10 V, Rg = 6 Ω
17
30
ns
Rise Time
tr
18
30
Turn-Off Delay Time
td(off)
122
190
Fall Time
tf
55
85
Gate Resistance
Rg
3.8
Ω
Source-Drain Reverse Recovery Time
trr
IF = - 2.1 A, dI/dt = 100 A/µs
45
ns
Output Characteristics
0
10
20
30
40
50
0
246
8
10
VGS = 10 V thru 5 V
2 V
VDS - Drain-to-Source Voltage (V)
4 V
3 V
Transfer Characteristics
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
TC = 125 °C
- 55 °C
25 °C
VGS - Gate-to-Source Voltage (V)


Número de pieza similar - SI4401DY-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
SI4401DY-T1-E3 VBSEMI-SI4401DY-T1-E3 Datasheet
1,015Kb / 9P
   P-Channel 40 V (D-S) MOSFET
More results

Descripción similar - SI4401DY-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI2319CDS VISHAY-SI2319CDS_15 Datasheet
226Kb / 11P
   P-Channel 40 V (D-S) MOSFET
Rev. A, 31-May-10
logo
Analog Power
AM3949P ANALOGPOWER-AM3949P Datasheet
184Kb / 3P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7611DN VISHAY-SI7611DN Datasheet
578Kb / 13P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Apr-08
logo
Analog Power
AM40P04-20DE ANALOGPOWER-AM40P04-20DE Datasheet
241Kb / 5P
   P-Channel 40-V (D-S) MOSFET
AM90P04-03P ANALOGPOWER-AM90P04-03P Datasheet
60Kb / 2P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SUD50P04-40P VISHAY-SUD50P04-40P Datasheet
143Kb / 7P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Jan-08
logo
VBsemi Electronics Co.,...
15P04SC VBSEMI-15P04SC Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
9563GM VBSEMI-9563GM Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
AFP4637WS8RG VBSEMI-AFP4637WS8RG Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
FDS4685-NL VBSEMI-FDS4685-NL Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com