Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HN58C256A Datasheet(PDF) 5 Page - Hitachi Semiconductor |
|
HN58C256A Datasheet(HTML) 5 Page - Hitachi Semiconductor |
5 / 25 page HN58C256A Series, HN58C257A Series 5 Recommended DC Operating Conditions Parameter Symbol Min Typ Max Unit Supply voltage V CC 4.5 5.0 5.5 V V SS 00 0V Input voltage V IL –0.3* 1 — 0.8 V V IH 2.2 — V CC + 0.3* 2 V V H* 3 V CC – 0.5 — V CC + 1.0 V Operating temperature Topr 0 — 70 °C Notes: 1. V IL min: –1.0 V for pulse width ≤ 50 ns. 2. V IH max: V CC + 1.0 V for pulse width ≤ 50 ns. 3. This function is supported by only the HN58C257A series. DC Characteristics (Ta = 0 to +70°C, V CC = 5.0 V±10%) Parameter Symbol Min Typ Max Unit Test conditions Input leakage current I LI —— 2* 1 µAV CC = 5.5 V, Vin = 5.5 V Output leakage current I LO —— 2 µAV CC = 5.5 V, Vout = 5.5/0.4 V Standby V CC current I CC1 —— 20 µA CE = V CC I CC2 —— 1 mA CE = V IH Operating V CC current I CC3 — — 12 mA Iout = 0 mA, Duty = 100%, Cycle = 1 µs at V CC = 5.5 V — — 30 mA Iout = 0 mA, Duty = 100%, Cycle = 85 ns at V CC = 5.5 V Output low voltage V OL — — 0.4 V I OL = 2.1 mA Output high voltage V OH 2.4 — — V I OH = –400 µA Note: 1. I LI on RES = 100 µA max (only the HN58C257A series) Capacitance (Ta = +25°C, f = 1 MHz) Parameter Symbol Min Typ Max Unit Test conditions Input capacitance* 1 Cin — — 6 pF Vin = 0 V Output capacitance* 1 Cout — — 12 pF Vout = 0 V Note: 1. This parameter is periodically sampled and not 100% tested. |
Número de pieza similar - HN58C256A |
|
Descripción similar - HN58C256A |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |