Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HN58V65A Datasheet(PDF) 20 Page - Hitachi Semiconductor

No. de pieza HN58V65A
Descripción Electrónicos  64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN58V65A Datasheet(HTML) 20 Page - Hitachi Semiconductor

Back Button HN58V65A Datasheet HTML 16Page - Hitachi Semiconductor HN58V65A Datasheet HTML 17Page - Hitachi Semiconductor HN58V65A Datasheet HTML 18Page - Hitachi Semiconductor HN58V65A Datasheet HTML 19Page - Hitachi Semiconductor HN58V65A Datasheet HTML 20Page - Hitachi Semiconductor HN58V65A Datasheet HTML 21Page - Hitachi Semiconductor HN58V65A Datasheet HTML 22Page - Hitachi Semiconductor HN58V65A Datasheet HTML 23Page - Hitachi Semiconductor HN58V65A Datasheet HTML 24Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
HN58V65A Series, HN58V66A Series
WE, CE Pin Operation
During a write cycle, addresses are latched by the falling edge of
WE or CE, and data is latched by the
rising edge of
WE or CE.
Write/Erase Endurance and Data Retention Time
The endurance is 10
5 cycles in case of the page programming and 104 cycles in case of the byte
programming (1% cumulative failure rate). The data retention time is more than 10 years when a device
is page-programmed less than 10
4 cycles.
Data Protection
1. Data Protection against Noise on Control Pins (
CE, OE, WE) during Operation
During readout or standby, noise on the control pins may act as a trigger and turn the EEPROM to
programming mode by mistake.
To prevent this phenomenon, this device has a noise cancellation function that cuts noise if its width is
15 ns or less.
Be careful not to allow noise of a width of more than 15 ns on the control pins.
WE
CE
OE
V
0 V
V
0 V
15 ns max
IH
IH


Número de pieza similar - HN58V65A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HN58V65A RENESAS-HN58V65A Datasheet
256Kb / 28P
   64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
HN58V65A-SR RENESAS-HN58V65A-SR Datasheet
225Kb / 28P
   64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
HN58V65AFP-10 RENESAS-HN58V65AFP-10 Datasheet
256Kb / 28P
   64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
HN58V65AFP-10E RENESAS-HN58V65AFP-10E Datasheet
256Kb / 28P
   64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
HN58V65AFPI-10 RENESAS-HN58V65AFPI-10 Datasheet
225Kb / 28P
   64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
More results

Descripción similar - HN58V65A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HN58V65A RENESAS-HN58V65A Datasheet
256Kb / 28P
   64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
HN58V65A RENESAS-HN58V65A_15 Datasheet
284Kb / 30P
   64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
logo
Hitachi Semiconductor
HN58S65A HITACHI-HN58S65A Datasheet
93Kb / 18P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function
logo
Renesas Technology Corp
HN58V65AI RENESAS-HN58V65AI Datasheet
225Kb / 28P
   64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
logo
Hitachi Semiconductor
HN58V1001 HITACHI-HN58V1001 Datasheet
119Kb / 22P
   1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
HN58C1001 HITACHI-HN58C1001 Datasheet
117Kb / 22P
   1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
logo
Renesas Technology Corp
R1EV5801MB RENESAS-R1EV5801MB Datasheet
776Kb / 22P
   1M EEPROM (128-Kword × 8-bit)Ready/ Busy and RES function
May 12, 2016
logo
Hitachi Semiconductor
HN58V256A HITACHI-HN58V256A Datasheet
118Kb / 24P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58V257A)
HN58C256A HITACHI-HN58C256A Datasheet
126Kb / 25P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58C257A)
logo
Renesas Technology Corp
HN58V1001 RENESAS-HN58V1001 Datasheet
260Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com