Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC13783VKR2 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

No. de pieza MC13783VKR2
Descripción Electrónicos  Power Management and Audio Circuit
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13783VKR2 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC13783VKR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13783VKR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13783VKR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13783VKR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13783VKR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13783VKR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13783VKR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13783VKR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13783VKR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
Signal Descriptions
MC13783 Technical Data, Rev. 3.5
Freescale Semiconductor
9
VAUDIO
U10
LV
Output regulator audio
VINIOLO
U13
MV
Input regulator low voltage IO
VIOLO
V13
LV
Output regulator low voltage IO
VINIOHI
B7
MV
Input regulator high voltage IO
VIOHI
B6
LV
Output regulator high voltage IO
VINDIG
R11
MV
Input regulator general digital
VDIG
U11
LV
Output regulator general digital
VINRFDIG
K5
MV
Input regulator transceiver digital
VRFDIG
K2
LV
Output regulator transceiver digital
VINRFREF
K7
MV
Input regulator transceiver reference
VRFREF
G3
LV
Output regulator transceiver reference
VRFCP
G2
LV
Output regulator transceiver charge pump
VRFBG
C11
LV
Bandgap reference output for transceiver
VINSIM
F2
MV
Input regulator SIM card and eSIM card
VSIM
E3
LV
Output regulator SIM card
VESIM
F3
LV
Output regulator eSIM card
VINVIB
G5
MV
Input regulator vibrator motor
VVIB
E2
LV
Output regulator vibrator motor
VINGEN
G17
MV
Input regulator graphics accelerator
VGEN
G18
LV
Output regulator graphics accelerator
VINCAM
V12
MV
Input regulator camera
VCAM
V11
LV
Output regulator camera
VRF2DRV
J6
MV
Drive output regulator transceiver
VRF2
J5
LV
Output regulator transceiver
VRF1DRV
K8
MV
Drive output regulator transceiver
VRF1
J3
LV
Output regulator transceiver
VMMC1DRV
L7
MV
Drive output regulator MMC1 module
VMMC1
K6
LV
Output regulator MMC1 module
VMMC2DRV
J2
MV
Drive output regulator MMC2 module
VMMC2
K3
LV
Output regulator MMC2 module
Table 1. Pinout Listing (continued)
Pin
Location
Rating*
Function
* The maximum voltage rating is given per category of pins:
• EHV for Extended High Voltage (20 V)
• HV for High Voltage (7.5 V)
• EMV for Extended Medium Voltage (5.5 V)
• MV for Medium Voltage (4.65 V)
• LV for Low Voltage (3.1 V)


Número de pieza similar - MC13783VKR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC13783VK FREESCALE-MC13783VK Datasheet
3Mb / 50P
   Power Management and Audio Circuit
More results

Descripción similar - MC13783VKR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC13783 FREESCALE-MC13783_09 Datasheet
3Mb / 50P
   Power Management and Audio Circuit
MC13783 FREESCALE-MC13783 Datasheet
610Kb / 50P
   Power Management and Audio Circuit
MC13783VK FREESCALE-MC13783VK Datasheet
3Mb / 50P
   Power Management and Audio Circuit
logo
ON Semiconductor
NCP2704 ONSEMI-NCP2704 Datasheet
784Kb / 28P
   Audio Management Integrated Circuit
November, 2010 ??Rev. 0
logo
ams AG
AS3658 AMSCO-AS3658_07 Datasheet
6Mb / 158P
   Power and Audio Management Unit for Portable Devices
AS3658 AMSCO-AS3658 Datasheet
148Kb / 3P
   Power and Audio Management Unit for Portable Devices
logo
Texas Instruments
TPS65950 TI-TPS65950_1 Datasheet
180Kb / 8P
[Old version datasheet]   Integrated Power Management/Audio Codec
logo
Rohm
BD71837AMWV ROHM-BD71837AMWV Datasheet
1Mb / 129P
   Power Management Integrated Circuit
16.Mar.2020 Rev.003
logo
Texas Instruments
TPS65950A2ZXN TI-TPS65950A2ZXN Datasheet
1Mb / 171P
[Old version datasheet]   Integrated Power Management/Audio Codec
TPS65951 TI1-TPS65951 Datasheet
1Mb / 170P
[Old version datasheet]   Integrated Power Management/Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com