Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMSZ4679 Datasheet(PDF) 4 Page - Micro Commercial Components

No. de pieza MMSZ4679
Descripción Electrónicos  500mW Silicon Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMSZ4679 Datasheet(HTML) 4 Page - Micro Commercial Components

  MMSZ4679 Datasheet HTML 1Page - Micro Commercial Components MMSZ4679 Datasheet HTML 2Page - Micro Commercial Components MMSZ4679 Datasheet HTML 3Page - Micro Commercial Components MMSZ4679 Datasheet HTML 4Page - Micro Commercial Components MMSZ4679 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MCC
TM
Micro Commercial Components
www.mccsemi.com
4 of 5
MMSZ4678 thru MMSZ4716
TYPICAL CHARACTERISTICS
100
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 7. Typical Capacitance
1000
100
10
1
10
1
BIAS AT
50% OF VZ NOM
TA = 25°C
0 V BIAS
1 V BIAS
VZ, ZENER VOLTAGE (V)
1000
100
10
1 10
20
30
40
50
TA = 25°C
90
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 8. Typical Leakage Current
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
80
70
60
50
40
30
20
10
0
+150°C
+25 °C
−55°C
Figure 10. Zener Voltage versus Zener Current
(12 V to 39 V)
Revision: C
2014/08/07
02468
10
12
1
200
400
600
800
1000
VZ, ZENER VOLTAGE (V)
Figure 9. Zener Voltage versus Zener Current
(VZ Up to 12 V)
TA = 25°C


Número de pieza similar - MMSZ4679

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
MMSZ4679 EIC-MMSZ4679 Datasheet
118Kb / 4P
   ZENER DIODES
logo
Shenzhen Luguang Electr...
MMSZ4679 LUGUANG-MMSZ4679 Datasheet
421Kb / 3P
   Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ4679 SUNMATE-MMSZ4679 Datasheet
316Kb / 2P
   500mW Surface Mount Zener Diodes
logo
Jiangsu Changjiang Elec...
MMSZ4679 JIANGSU-MMSZ4679 Datasheet
752Kb / 4P
   ZENER DIODE
logo
Foshan Blue Rocket Elec...
MMSZ4679 FOSHAN-MMSZ4679 Datasheet
757Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
More results

Descripción similar - MMSZ4679

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
   500mW Silicon Zener Diodes
logo
Digitron Semiconductors
1N957B DIGITRON-1N957B Datasheet
196Kb / 3P
   500mW SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
   500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
   500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
MMSZ4678 MCC-MMSZ4678_16 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
1N4678 MCC-1N4678_11 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com