Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-P12MT Datasheet(PDF) 1 Page - Rohm

No. de pieza SML-P12MT
Descripción Electrónicos  Ultra compact, thin size 1.0x0.6mm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-P12MT Datasheet(HTML) 1 Page - Rohm

  SML-P12MT Datasheet HTML 1Page - Rohm SML-P12MT Datasheet HTML 2Page - Rohm SML-P12MT Datasheet HTML 3Page - Rohm SML-P12MT Datasheet HTML 4Page - Rohm SML-P12MT Datasheet HTML 5Page - Rohm SML-P12MT Datasheet HTML 6Page - Rohm SML-P12MT Datasheet HTML 7Page - Rohm SML-P12MT Datasheet HTML 8Page - Rohm SML-P12MT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Sheet
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
SML-P1 series
PICOLED
TM
lFeatures
lOutline
• Ultra compact, thin size 1.0×0.6mm
• Lead Free/RoHS Compliant.
lSize
1006 (0402)
1.0×0.6mm (t=0.2mm)
lDimensions
lRecommended Solder Pattern
lSpecifications
Typ.
IF
Max.
VR
Min.*
2
Typ. Max.*2
IF
Min.
Typ.
IF
(V)
(mA)
(
mA)
(V)
(nm)
(nm)
(nm)
(mA) (mcd) (mcd) (mA)
SML-P12VT(R)
625
630
635
25
60
SML-P12UT(R)
615
620
625
40
85
SML-P12DT(R)
602
605
608
63
SML-P12YT(R)
587
590
593
40
SML-P12MT(R)
569
572
575
10
25
SML-P12PT(R)
557
560
563
2.5
6.3
SMLP13EC8T
3.0
520
527
535
56
(110)
SMLP13BC8T
465
470
475
9.0
(25)
SCMP13WBC8W
90
150
*1 : Duty 1/10, 1kHz *2 : Reference
lThermal Resistance
Conditions
*The above value is a result of actual measurement performed
on randomly selected product. The value does not have any meanings of guarantee.
*PICOLED
TM is ROHM's pending trademark.
4
5
20
5
5
(x, y) (0.30, 0.30)
20
100
54
2.0
2.1
2.2
33
2.9
5
-40 to +85 -40 to +100
20
5
100
Tstg(ºC)
AIGaInP
on GaAs
InGaN
20
10
100*
1
50*
1
50
52
Blue
White
Red
Orange
Yellow
Yellowish
Green
Green
Original device technology enables high brightness and high reliability
Part No.
Bluish
Green
34
Chip
Structure
Absolute Maximum Ratings (Ta=25ºC)
IFP(mA)
VR(V)
Topr(ºC)
Power
Forward
Current
PD(mW) IF(mA)
Dissipation
Operating Temp.
Color
Emitting
Current
Peak Forward
Electrical and Optical Characteristics (Ta=25ºC)
Voltage
Reverse
Forward Voltag VF Reverse Current IR
Dominant Wavelength
lD Luminous Intensity I
V
Storage Temp.
(unit : mm)
Tolerance : ±0.05
(unit : mm)
Color
Type
V
U
D
Y
M
P
E
B
WB
1006 (0402)
1.0×0.6mm (t=0.2mm)
θj-s
θj-a
643ºC/W
899ºC/W
Glass epoxy circuit board
30×10×0.8mmt
1.5mm
2 (Cathode)
Circuit Board
Circuit Board Dimensions
Pad Size
1/10
2014.07 - Rev.E


Número de pieza similar - SML-P12MT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-P12MT ROHM-SML-P12MT Datasheet
125Kb / 3P
   0402<1.0 0.6 t=0.2mm> Standard Type
SML-P12MT ROHM-SML-P12MT Datasheet
1Mb / 4P
   Ultra compact
SML-P12MT ROHM-SML-P12MT Datasheet
1Mb / 4P
   SML-P1 Series PICOLEDTM-eco/PICOLEDTM
SML-P12MT ROHM-SML-P12MT Datasheet
1Mb / 4P
   Ultra compact, thin size 1.0x0.6mm
SML-P12MT ROHM-SML-P12MT Datasheet
447Kb / 12P
   Ultra compact, thin size
More results

Descripción similar - SML-P12MT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SMLP12HBC7W1 ROHM-SMLP12HBC7W1 Datasheet
1Mb / 4P
   Ultra compact, thin size 1.0x0.6mm
SML-P12VT ROHM-SML-P12VT Datasheet
447Kb / 12P
   Ultra compact, thin size
SML-P11VT ROHM-SML-P11VT Datasheet
278Kb / 11P
   Ultra compact, thin size
CSL1501RW ROHM-CSL1501RW Datasheet
742Kb / 9P
   Thin, ultra-compact package
logo
XP Power Limited
ECL15US24-E XPPOWER-ECL15US24-E Datasheet
449Kb / 6P
   Ultra Compact Size
ECL05US05-E XPPOWER-ECL05US05-E Datasheet
449Kb / 6P
   Ultra Compact Size
ECL10US05-P XPPOWER-ECL10US05-P Datasheet
449Kb / 6P
   Ultra Compact Size
logo
Rohm
SML-R1 ROHM-SML-R1_11 Datasheet
1Mb / 4P
   Ultra compact, thin side-view type LED
SML-R1 ROHM-SML-R1 Datasheet
1Mb / 4P
   Ultra compact,thin side-view type LED
RPM973-H16E4A ROHM-RPM973-H16E4A Datasheet
111Kb / 3P
   Ultra-compact, Ultra-thin Top View FIR-compatible IrDA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com