Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FC4A-N08A11 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

No. de pieza FC4A-N08A11
Descripción Electrónicos  MicroSmart Performance
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-N08A11 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button FC4A-N08A11 Datasheet HTML 19Page - List of Unclassifed Manufacturers FC4A-N08A11 Datasheet HTML 20Page - List of Unclassifed Manufacturers FC4A-N08A11 Datasheet HTML 21Page - List of Unclassifed Manufacturers FC4A-N08A11 Datasheet HTML 22Page - List of Unclassifed Manufacturers FC4A-N08A11 Datasheet HTML 23Page - List of Unclassifed Manufacturers FC4A-N08A11 Datasheet HTML 24Page - List of Unclassifed Manufacturers FC4A-N08A11 Datasheet HTML 25Page - List of Unclassifed Manufacturers FC4A-N08A11 Datasheet HTML 26Page - List of Unclassifed Manufacturers FC4A-N08A11 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
MicroSmart Series
33
Programmable Logic Controllers
Part Number
FC4A-M08BR1
FC4A-M24BR2
Output Points
4 (4/1 common)
8 (4/1 common)
Output
1NO (form A)
Maximum Load Current
2A per point
7A per common
Minimum Switching Load
0.1mA/0.1V DC (reference value)
Initial Contact Resistance
30 mΩ maximum
Electrical Life
100,000 operations minimum (rated load 1,800 operations/hour)
Mechanical Life
20,000,000 operations minimum (no load 18,000 operations/hour)
Rated Load
240V AC/2A (resistive load, inductive load cos ø = 0.4)
30V DC/2A (resistive load, inductive load L/R = 7ms)
Dielectric Strength
Between output and
or
terminals: 1,500V AC, 1 minute
Between output terminal and internal circuit: 1,500V AC, 1 minute
Between output terminals (COMs): 1,500V AC, 1 minute
Connector on Mother Board
MC1.5/11-G-3.81BK
(Phoenix Contact)
Input: F6018-17P (Fujicon)
Output: F6018-11P (Fujicon)
Connector Insertion/Removal Durability
100 times minimum
Not removable
Internal Current Draw
All I/Os ON
25mA (5V DC), 20mA (24V DC)
65mA (5V DC), 45mA (24V DC)
All I/Os OFF
5mA (5V DC), 0mA (24V DC)
10mA (5V DC), 0mA (24V DC)
Internal Power Consumption
(at 24V DC while all I/Os are ON)
0.65W
1.52W
Weight
95g
140g
Input Usage Limits
Input Internal Circuit
Output Internal Circuit
FC4A-N08B1
28.8
26.4
24.0
0
50
100
Input Voltage (V DC)
Ambient Temperature
55ºC
I/O Simultaneous ON Ratio (%)
FC4A-N16B1
28.8
26.4
24.0
0
50
100
Input Voltage (V DC) Ambient Temperature
45ºC
Ambient
Temperature
55ºC
I/O Simultaneous ON Ratio (%)
FC4A-N16B3/N32B3
28.8
26.4
24.0
0
50
100
Input Voltage (V DC)
Ambient
Temperature
55ºC
Ambient Temperature
30ºC
I/O Simultaneous ON Ratio (%)
FC4A-N08A11
0
50
100
I/O Simultaneous ON Ratio (%)
Ambient Temperature
55ºC
Input Voltage (V AC)
132
120
102
FC4A-M08BR1
28.8
26.4
24.0
0
50
100
Input Voltage (V DC)
Ambient Temperature
55ºC
I/O Simultaneous ON Ratio (%)
FC4A-M24BR2
28.8
26.4
24.0
0
50
100
Input Voltage (V DC)
Ambient
Temperature
55ºC
Ambient Temperature
45ºC
I/O Simultaneous ON Ratio (%)
When using at an operating ambient temperature
above 40ºC, reduce the input voltage or the quantity
of I/O points that turn on simultaneously.
FC4A-N08B1, FC4A-N16B1
COM
Input
3.3 kΩ
FC4A-N16B3, FC4A-N32B3
COM
4.3 kΩ
Input
FC4A-M08BR1, FC4A-M24BR2
COM
3.3 kΩ
Input
FC4A-N08A11
COM
Input
FC4A-T08K1, FC4A-T16K3, FC4A-T32K3
+V
Output
COM (–)
Internal
Circuit
FC4A-T08S1, FC4A-T16S3, FC4A-T32S3
–V
Output
COM (+)
Internal
Circuit


Número de pieza similar - FC4A-N08A11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IDEC Corporation
FC4A-AS62M IDEC-FC4A-AS62M Datasheet
190Kb / 1P
   MicroSmart Pentra RS232 Communication Module
FC4A-J2A1 IDEC-FC4A-J2A1 Datasheet
190Kb / 1P
   MicroSmart Pentra RS232 Communication Module
FC4A-J4CN1 IDEC-FC4A-J4CN1 Datasheet
190Kb / 1P
   MicroSmart Pentra RS232 Communication Module
FC4A-J8AT1 IDEC-FC4A-J8AT1 Datasheet
190Kb / 1P
   MicroSmart Pentra RS232 Communication Module
FC4A-J8C1 IDEC-FC4A-J8C1 Datasheet
212Kb / 2P
   PLC High Density Analog I/O Module
More results

Descripción similar - FC4A-N08A11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IDEC Corporation
FC6A IDEC-FC6A Datasheet
210Kb / 1P
   MicroSmart FC6A PLC
FC4A-L03A1 IDEC-FC4A-L03A1 Datasheet
190Kb / 1P
   MicroSmart Pentra RS232 Communication Module
logo
ON Semiconductor
MC34066 ONSEMI-MC34066 Datasheet
304Kb / 11P
   High Performance High Performance
July, 2006 ??Rev. 3
logo
Advanced Power Electron...
AP6942GMT-HF A-POWER-AP6942GMT-HF Datasheet
134Kb / 7P
   Good Thermal Performance, Fast Switching Performance
logo
Power-One
PFC500 POWER-ONE-PFC500 Datasheet
206Kb / 4P
   PerFormanCe POWER
logo
Feature Integration Tec...
F75334DG FINTEK-F75334DG Datasheet
1Mb / 66P
   Performance Controller
logo
Kemet Corporation
T356J156K035AT KEMET-T356J156K035AT Datasheet
382Kb / 13P
   PERFORMANCE CHARACTERISTICS
T356B475K016AT KEMET-T356B475K016AT Datasheet
382Kb / 13P
   PERFORMANCE CHARACTERISTICS
logo
List of Unclassifed Man...
ANT-868-PML ETC2-ANT-868-PML Datasheet
109Kb / 1P
   Outstanding performance
logo
Shanghai Leiditech Elec...
SMD2920P075TF-60 LEIDITECH-SMD2920P075TF-60 Datasheet
705Kb / 4P
   Performance Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com