Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD103AW-TP Datasheet(PDF) 3 Page - Micro Commercial Components

No. de pieza SD103AW-TP
Descripción Electrónicos  400mW Small Signal Schottky Diode 20 to 40 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SD103AW-TP Datasheet(HTML) 3 Page - Micro Commercial Components

  SD103AW-TP Datasheet HTML 1Page - Micro Commercial Components SD103AW-TP Datasheet HTML 2Page - Micro Commercial Components SD103AW-TP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MCC
TM
Micro Commercial Components
www.mccsemi.com
3 of 3
Revision:
B
20
13/01/01
Device
Packing
Part Number-TP
Tape&Reel: 3Kpcs/Reel
Ordering Information :
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.
Note : Adding "-HF" suffix for halogen free, eg. Part Number-TP-HF


Número de pieza similar - SD103AW-TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
SD103AW-T1 WTE-SD103AW-T1 Datasheet
41Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103AW-T1 WTE-SD103AW-T1 Datasheet
47Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103AW-T3 WTE-SD103AW-T3 Datasheet
41Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
SD103AW-TA PANJIT-SD103AW-TA Datasheet
245Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODES
SD103AW-TA PANJIT-SD103AW-TA_15 Datasheet
136Kb / 5P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results

Descripción similar - SD103AW-TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SD103CW-TP MCC-SD103CW-TP Datasheet
206Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AW MCC-SD103AW Datasheet
172Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AWS MCC-SD103AWS Datasheet
173Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AWS-TP MCC-SD103AWS-TP Datasheet
188Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AW MCC-SD103AW_17 Datasheet
209Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AWS MCC-SD103AWS_13 Datasheet
188Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AX MCC-SD103AX_13 Datasheet
331Kb / 3P
   200mW Small Signal Schottky Diode 40 Volts
SD103AX MCC-SD103AX Datasheet
297Kb / 3P
   200mW Small Signal Schottky Diode 40 Volts
logo
Rectron Semiconductor
SD103AW RECTRON-SD103AW Datasheet
137Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 40 Volts
SD101CW RECTRON-SD101CW Datasheet
140Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 40 Volts
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com