Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA-P20L-L Datasheet(PDF) 4 Page - TDK Electronics

No. de pieza CXA-P20L-L
Descripción Electrónicos  PRODUCT DRAWING
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TDK [TDK Electronics]
Página de inicio  http://www.tdk.com
Logo TDK - TDK Electronics

CXA-P20L-L Datasheet(HTML) 4 Page - TDK Electronics

  CXA-P20L-L Datasheet HTML 1Page - TDK Electronics CXA-P20L-L Datasheet HTML 2Page - TDK Electronics CXA-P20L-L Datasheet HTML 3Page - TDK Electronics CXA-P20L-L Datasheet HTML 4Page - TDK Electronics CXA-P20L-L Datasheet HTML 5Page - TDK Electronics CXA-P20L-L Datasheet HTML 6Page - TDK Electronics CXA-P20L-L Datasheet HTML 7Page - TDK Electronics CXA-P20L-L Datasheet HTML 8Page - TDK Electronics CXA-P20L-L Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
No.
MATERIALS NAME
MATERIAL
REMARK
PRODUCT NAME or MODEL,TITLE
DC-AC INVERTER CXA-P20L-L
PAGE
NAME OF DRAWING
DRAWING No.
PRODUCT DRAWING
TSB-08-01-05(00) form-6(A4)
TDK CORPORATION
QU
7100203-1
CTR-0879-B
3
For circuit connection, prefer to test circuit diagram [4].
For operation in floating mode, please remove the jumper(J1) on t op side of PCB that pin2 and pin 5.
Please use minimum of 2mm clearance (all directions) between inverter high voltage area and any conductors.
Please refer to mechanical drawing for mark ing of high voltage area.
To prevent electrical discharge from high voltage area, please use non-conductive fastener in U mounting hole.
Open voltage (strike voltage) is measured across the transformer secondary winding at no load as the reading at
the output connector would be less than the actual value.
If the start up voltage falls below Cold Cathode Tube strike voltage, the CCFL will not light up easily specially at
lower ambient temperature. Please review mounting instruction t o avoid any abnormal operation due to
coupling/leakage capacitance of inverter high voltage area to any surrounding conductor.
Note2.
Note3.
Note4.
Note5.
Note6.
Note7.
Note1-1. Marking of TDK part No, Date code, Country of origin.
1) TDK part No., Date code, Country of origin, is marked on the side of transformer.
2) Date code example. (ex. APR. 2005)
3) Country of origin code example. (ex. JAPAN. CHINA).
* : Conformity to RoHS Directive:This means that, in confo rmity with EU Directive 2002/95/EC,
lead, cadmium, hexavalent chromium, and
specific bromine-based flame retardants, PBB
and PBDE, have not been used,except fo r exempted applications.
54
Last digit of production year.
One digit of production month. (Oct. : X, Nov. : Y, Dec. : Z).
Blank
Product Conforming to RoHS Directiv e* Identification sign
R
[2] Absolute maximum ratings
Items
Symbols
Specification
Unit
Notes
Input Voltage
Output Power
Operating Temp. range
Storage Temp. range
Humidity range
Vin
Pout
Ta
Ts
RH
0~14.4
9
-10~60
-20~85
95
VDC
W
°C
°C
%RH
A maximum wet ball te mperature is 38°C


Número de pieza similar - CXA-P20L-L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Systems GmbH+Co.K...
CXA-P1012-NJL POWER-SYSTEMS-CXA-P1012-NJL Datasheet
158Kb / 4P
   DC-AC INVERTER UNIT 9.0W DUAL OUTPUTS
logo
TDK Electronics
CXA-P1012B-NJL TDK-CXA-P1012B-NJL Datasheet
206Kb / 9P
   DC/AC INVERTER UNIT
CXA-P10A-P TDK-CXA-P10A-P Datasheet
46Kb / 4P
   On-board type, Non-dimming, 9W, For 1 and 2 bulbs
CXA-P10L-P TDK-CXA-P10L-P Datasheet
46Kb / 4P
   On-board type, Non-dimming, 9W, For 1 and 2 bulbs
CXA-P10M-P TDK-CXA-P10M-P Datasheet
46Kb / 4P
   On-board type, Non-dimming, 9W, For 1 and 2 bulbs
More results

Descripción similar - CXA-P20L-L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
022292041_SD MOLEX-022292041_SD Datasheet
266Kb / 4P
   PRODUCT CUSTOMER DRAWING
2005/03/11
logo
Tyco Electronics
T7NS5D1-12 MACOM-T7NS5D1-12 Datasheet
122Kb / 2P
   T7NS5D1-03 PRODUCT DRAWING
2-1393186-0 MACOM-2-1393186-0 Datasheet
122Kb / 2P
   T7NS5D1-03 PRODUCT DRAWING
T7NS5D1-24 MACOM-T7NS5D1-24 Datasheet
122Kb / 2P
   T7NS5D1-03 PRODUCT DRAWING
logo
Shanghai Leiditech Elec...
SMD0805P200TF LEIDITECH-SMD0805P200TF Datasheet
532Kb / 1P
   Product Dimensions % Outline Drawing % marking
logo
TE Connectivity Ltd
108-1979 TEC-108-1979 Datasheet
266Kb / 5P
   Product shall be of the design, construction and physical dimensions specified on the applicable product drawing.
logo
Renesas Technology Corp
QB-64FA-EA-02T RENESAS-QB-64FA-EA-02T Datasheet
187Kb / 1P
   Drawing
QB-80FA-EA-02T RENESAS-QB-80FA-EA-02T Datasheet
198Kb / 1P
   Drawing
QB-80FB-EA-07T RENESAS-QB-80FB-EA-07T Datasheet
185Kb / 1P
   Drawing
QB-64FB-EA-05T RENESAS-QB-64FB-EA-05T Datasheet
206Kb / 1P
   Drawing
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com