Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-553X Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

No. de pieza HCPL-553X
Descripción Electrónicos  Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-553X Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-553X Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-553X Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-553X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-553X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-553X Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-553X Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-553X Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-553X Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-553X Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
1-568
GND
VCC
+12 V
VO
(1 M
Ω, 12 pF
TEST INPUT)
D.U.T.
RF
VIN
9.1 k
SINGLE CHANNEL TESTING,
INDEPENDENT VCC DEVICES
1 k
2.1 k
+12 V
Q1
47 µF
0.01 µF
Q3
Q2
0.01 µF
1.2 k
15 k
470
100
VB
VO
51
22
100
0.1 µF
0.1 µF
TRIM FOR UNITY GAIN
Q1, Q2, Q3: 2N3904
TYPICAL LINEARITY = +3 % AT VIN = 1 VP-P
TYPICAL SNR = 50 dB
TYPICAL RF = 375 Ω
TYPICAL VO dc = 3.8 V
TYPICAL IF = 9 mA
1N4150
Figure 9. Switching Test Circuit.*
*JEDEC Registered Data.
GND
VCC
IF
+5 V
VO
D.U.T.
100
IF MONITOR
PULSE GEN.
ZO = 50 Ω
tr = 5 ns
CL* = 50 pF
10 % DUTY CYCLE
1/f < 100 µs
RL
NOTES:
* CL INCLUDES PROBE AND STRAY WIRING CAPACITANCE.
BASE LEAD NOT CONNECTED.
SINGLE CHANNEL
OR COMMON VCC DEVICES
GND
VCC
+15 V
VO
D.U.T.
100
AC INPUT
100
COMMON
VCC DEVICES
560
20 k
+5 V
SET IF
2N3053
1.6 Vdc
0.25 VP-P ac
0.1 µF
0.1
100
+15
-20
f – FREQUENCY – MHz
+10
+5
-5
-15
1.0
10
-10
0
TA = 25 °C
INDEPENDENT
VCC DEVICES
COMMON VCC
DEVICES
Figure 8. Frequency Response.


Número de pieza similar - HCPL-553X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-553X HP-HCPL-553X Datasheet
195Kb / 14P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-553X AVAGO-HCPL-553X Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
More results

Descripción similar - HCPL-553X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-6551 AVAGO-HCPL-6551 Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
Agilent(Hewlett-Packard...
HCPL-553X HP-HCPL-553X Datasheet
195Kb / 14P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5531 AVAGO-HCPL-5531 Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
Broadcom Corporation.
4N55 BOARDCOM-4N55 Datasheet
1Mb / 15P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-257K AVAGO-HCPL-257K Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-6531 AVAGO-HCPL-6531 Datasheet
190Kb / 13P
   Hermetically Sealed, Tansistor Output Optocouplers for Analog and Digital Applications
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com