Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

D01294 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza D01294
Descripción Electrónicos  Hexagon Nut And Screw Head Covers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

D01294 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  D01294 Datasheet HTML 1Page - List of Unclassifed Manufacturers D01294 Datasheet HTML 2Page - List of Unclassifed Manufacturers D01294 Datasheet HTML 3Page - List of Unclassifed Manufacturers D01294 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PART
NUMBER
Thread
Size
A
B
H
L
Form
1639623
M3 x .5
12.0
7.0
7.0
3.5
A
1639624
M4 x .7
12.0
7.0
7.0
3.5
A
1639625
M5 x .8
16.0
9.5
8.0
4.5
A
1639627
M6 x 1.0
16.0
9.5
8.0
4.5
A
1639628
M4 x .7
16.0
9.5
8.0
4.5
B
1639629
M5 x .8
16.0
9.5
8.0
4.5
B
1639630
M6 x 1.0
16.0
9.5
8.0
4.5
B
PART
NUMBER
Thread
Size
A
B
H
L
Form
1639631
M4 x .7
16.0
10.0
6.0
4.5
C
1639632
M5 x .8
16.0
10.0
6.0
4.5
C
1639633
M6 x 1.0
16.0
10.0
6.0
4.5
C
1639634
M4 x .7
16.0
10.0
6.0
4.5
D
1639635
M5 x .8
16.0
10.0
6.0
4.5
D
1639636
M6 x 1.0
16.0
10.0
6.0
4.5
D
Material: Nylon 66
Colour: White
RoHS Directive 2002/95/EC
compliant
RoHS
Metric Knurled Thumb Nuts
N/A = Test data not available
1Nm = 8.851lbf-in
Above information is for guidance only and should not be used to establish specifications or as the basis of a design
Thread Size
Suggested Max. Tightening Torque
(Nm) for Nylon 6,6 screws as per DIN3481X
M3
0.10
M4
0.25
M5
0.50
M6
0.80
Mechanical/Physical Properties
Units
Value
Density
g/cm3
1.14
Water Absorption
%
1.3
Tensile Strength at Break
MPa
55
Elongation at Yield
%
30
Tensile Modulus
GPa
1.50
Material Properties
Values measured at 23°C @ 50% RH
Electrical Properties
Units
Value
Electrical Resistivity
ohm-cm
≥1.00e+14
Surface Resistivity
ohm
0.10e+14
Dielectric Strength
kV/mm
26
Thermal Properties
Units
Value
Melting Point
°C
263
Short Term Minimum Working Temperature
°C
-40
Short Term Maximum Working Temperature
°C
110
Flammability
UL94
V2
Oxygen Index
%
26.5
Above information is for guidance only and should not be used to establish specifications or as the basis of a design


Número de pieza similar - D01294

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Newhaven Display Intern...
D0120MY-20-2002 NEWHAVEN-D0120MY-20-2002 Datasheet
221Kb / 6P
   Vacuum Fluorescent Display Specification
D0120MY-29-2001 NEWHAVEN-D0120MY-29-2001 Datasheet
1Mb / 6P
   Vacuum Fluorescent Display Specification
D0120MY-A1H NEWHAVEN-D0120MY-A1H Datasheet
793Kb / 6P
   Vacuum Fluorescent Display Specification
D0120SD-20-2004F NEWHAVEN-D0120SD-20-2004F Datasheet
951Kb / 6P
   Vacuum Fluorescent Display Specification
More results

Descripción similar - D01294

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MS90727 ETC-MS90727 Datasheet
166Kb / 5P
   SCREW, CAP, HEXAGON HEAD
NAS1805 ETC1-NAS1805 Datasheet
705Kb / 3P
   NUT, SELF-LOCKING, EXTENDED WASHER, BOUBLE HEXAGON, CRES, 180KSI, 450쨘F and 800쨘F
logo
Adam Technologies, Inc.
HDW-086 ADAM-TECH-HDW-086 Datasheet
56Kb / 1P
   SCREW HEAD PIN
logo
List of Unclassifed Man...
BU-31607-9 ETC2-BU-31607-9 Datasheet
94Kb / 1P
   Screw-in Safety Socket with Stud and Metal Nut
BU-31607-0 ETC2-BU-31607-0 Datasheet
94Kb / 1P
   Screw-in Safety Socket with Stud and Metal Nut
logo
FIBOX Enclosing innovat...
3570578 FIBOX-3570578 Datasheet
47Kb / 1P
   Lock nut for plastic head screws
16.08.2023
3570576 FIBOX-3570576 Datasheet
47Kb / 1P
   Lock nut for plastic head screws
31.07.2023
3570577 FIBOX-3570577 Datasheet
47Kb / 1P
   Lock nut for plastic head screws
31.07.2023
logo
Keystone Electronics Co...
9900-9911 KEYSTONE-9900-9911 Datasheet
270Kb / 1P
   PHILIPS PAN HEAD SCREW
logo
FIBOX Enclosing innovat...
3570345 FIBOX-3570345 Datasheet
48Kb / 1P
   Plastic head screw (M6x25)
16.08.2023
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com