Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

G1005 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza G1005
Descripción Electrónicos  Heyco Rubber Grommets
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

G1005 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G1005 Datasheet HTML 1Page - List of Unclassifed Manufacturers G1005 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
“ S ta y C o n n e c te d w ith H e y c o ” Bushings, Grommets, Bumpers & Feet
5-17
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
Used to protect through holes.
Help eliminate sharp edges so your
wires are protected and add aesthetic
value to your application.
113 sizes available that will
accommodate mounting holes ranging
from .250˝ (6,4 mm) to holes as large
as 2.375˝ (60,3 mm) diameter and
panel thicknesses from .063˝ (1,6 mm)
to .188˝ (4,8 mm).
Rubber grommets are constructed of
SBR (unless otherwise noted) with an
operating temperature range of
-40°F (-40°C) to 221°F (105°C).
SBR grommets have good water
resistant characteristics and are
suitable for most moderate chemicals
and wet or dry organic acids.
Provide vibration dampening.
C
B
A
Heyco® Rubber Grommets
For Panels .063˝ (1,6 mm) Thick
Quick
Specs
Material
SBR, Nitrile, EPDM, or Isoprene
Temperature Rating
-40°F (-40°C) to 221oF (105°C)
MOUNTING
PART NO.
DESCRIPTION
MATERIAL
PART DIMENSIONS
HOLE
AB
C
DIAMETER
Black
Inside
Head
Overall
Diameter
Diameter
Height
in.
mm.
in.
mm.
in.
mm.
in.
mm.
For .063˝ (1,6 mm) Thick Panels
G1004
RG 250-4-2
SBR
.125
3,2
.344
8,7
.188
4,8
.250
6,4
G1005
RG 250-5-2
SBR
.156
4,0
.375
9,5
G1006
RG 250-5-2A
SBR
.156
4,0
.438
11,1
.375
9,5
G1017
RG 312-6-2
SBR
.188
4,8
.406
10,3
.219
5,6
.312
7,9
G1018
RG 312-6-2A
Nitrile
.188
4,8
.438
11,1
.188
4,8
G1019
RG 312-6-2B
SBR
.188
4,8
.500
12,7
.250
6,4
G1026
RG 312-7-2
SBR
.219
5,6
.438
11,1
.188
4,8
.375
9,5
G1037
RG 375-8-2
EPDM
.250
6,4
.563
14,3
.250
6,4
G1042
RG 375-9-2
SBR
.281
7,1
G1052
RG 437-8-2
SBR
.250
6,4
.625
15,9
.188
4,8
.437
11,1
G1053
RG 437-8-2A
Isoprene
.250
6,4
.625
15,9
.313
8,0
G1061
RG 437-10-2
SBR
.313
8,0
.625
15,9
.281
7,1
.500
12,7
G1089
RG 500-12-2
SBR
.375
9,5
.625
15,9
.250
6,4
G1090
RG 500-12-2A
SBR
.375
9,5
.688
17,5
.281
7,1
.562
14,3
G1112
RG 562-10-2
SBR
.313
8,0
.813
20,7
.313
8,0
G1123
RG 562-14-2
SBR
.438
11,1
.750
19,1
.250
6,4
.625
15,9
G1130
RG 625-12-2
SBR
.375
9,5
.875
22,2
.313
8,0
G1137
RG 625-16-2
SBR
.500
12,7
.813
20,7
.281
7,1
G1150
RG 687-14-2
SBR
.438
11,1
.938
23,8
.313
8,0
.687
17,5
G1151
RG 687-14-2A
SBR
.438
11,1
.938
23,8
.348
8,8
G1155
RG 687-16-2
SBR
.500
12,7
.875
22,2
.250
6,4
G1174
RG 750-12-2
SBR
.375
9,5
1.000
25,4
.375
9,5
.750
19,1
G1176
RG 750-16-2
SBR
.500
12,7
.875
22,2
.250
6,4
G1177
RG 750-16-2A
SBR
.500
12,7
1.000
25,4
.812
20,6
G1192
RG 812-16-2
SBR
.500
12,7
1.063
27,0
.313
8,0
G1197
RG 812-18-2
SBR
.563
14,3
.875
22,2
G1208
RG 875-10-2
SBR
.313
8,0
1.375
34,9
.250
6,4
G1215
RG 875-20-2
SBR
.625
15,9
1.125
28,6
.313
8,0
G1242
RG 1000-12-2
SBR
.375
9,5
1.250
31,8
.250
6,4
1.000
25,4
G1246
RG 1000-16-2
SBR
.500
12,7
G1252
RG 1000-22-2
SBR
.688
17,5
1.313
33,4
.375
9,5
G1258
RG 1000-24-2
SBR
.750
19,1
1.250
31,8
.297
7,5
1.062
27,0
G1269
RG 1062-24-2
SBR
.750
19,1
1.375
34,9
.375
9,5
G1290
RG 1250-16-2
SBR
.500
12,7
1.500
38,1
G1294
RG 1250-20-2
SBR
.625
15,9
.250
6,4
1.250
31,8
G1298
RG 1250-24-2
SBR
.750
19,1
1.625
41,3
G1303
RG 1250-28-2
SBR
.875
22,2
1.625
41,3
.438
11,1
G1311
RG 1250-32-2
SBR
1.000
25,4
1.563
39,7
.313
8,0
1.375
34,9
G1320
RG 1375-32-2
SBR
1.000
25,4
1.750
44,5
.438
11,1
1.500
38,1
G1347
RG 1500-36-2
SBR
1.125
28,6
1.875
47,6
.375
9,5
G1349
RG 1500-40-2
Nitrile
1.250
31,8
1.875
47,6
.344
8,7
Standard color black.


Número de pieza similar - G1005

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
G1005 ETC2-G1005 Datasheet
80Kb / 2P
   Stay Connected with Heyco Bushings, Grommets, Bumpers & Feet
logo
Heyco.
G1005 HEYCO-G1005 Datasheet
92Kb / 1P
   Rubber Grommets
More results

Descripción similar - G1005

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
G1329 ETC2-G1329 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
G1423 ETC2-G1423 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
G1123 ETC2-G1123 Datasheet
80Kb / 2P
   Stay Connected with Heyco Bushings, Grommets, Bumpers & Feet
G1418 ETC2-G1418 Datasheet
74Kb / 1P
   Stay Connected with Heyco Bushings, Grommets, Bumpers Feet
774 ETC2-774 Datasheet
362Kb / 1P
   GROMMETS , BUSHINGS
logo
Amphenol Corporation
P-MUSB-2E151-0X5BP AMPHENOL-P-MUSB-2E151-0X5BP Datasheet
48Kb / 1P
   RUBBER: SILICONE RUBBER
logo
List of Unclassifed Man...
1025 ETC-1025 Datasheet
103Kb / 1P
   Heyco-Flex?줞ounting Brackets
logo
Heyco.
1970 HEYCO-1970 Datasheet
94Kb / 1P
   Heyco® Foam Washers
2242 HEYCO-2242 Datasheet
129Kb / 1P
   Heyco® Metal Locknuts
logo
General Cable Technolog...
C3605A GENERAL-C3605A Datasheet
73Kb / 1P
   5C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com