Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC08D-T Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza 74HC08D-T
Descripción Electrónicos  Complies with JEDEC standard JESD7A
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC08D-T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC08D-T Datasheet HTML 6Page - NXP Semiconductors 74HC08D-T Datasheet HTML 7Page - NXP Semiconductors 74HC08D-T Datasheet HTML 8Page - NXP Semiconductors 74HC08D-T Datasheet HTML 9Page - NXP Semiconductors 74HC08D-T Datasheet HTML 10Page - NXP Semiconductors 74HC08D-T Datasheet HTML 11Page - NXP Semiconductors 74HC08D-T Datasheet HTML 12Page - NXP Semiconductors 74HC08D-T Datasheet HTML 13Page - NXP Semiconductors 74HC08D-T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
74HC_HCT08
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 6 September 2012
10 of 16
NXP Semiconductors
74HC08; 74HCT08
Quad 2-input AND gate
Fig 10. Package outline SOT337-1 (SSOP14)
UNIT
A1
A2
A3
bp
cD (1)
E (1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.21
0.05
1.80
1.65
0.25
0.38
0.25
0.20
0.09
6.4
6.0
5.4
5.2
0.65
1.25
0.2
7.9
7.6
1.03
0.63
0.9
0.7
1.4
0.9
8
0
o
o
0.13
0.1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
SOT337-1
99-12-27
03-02-19
(1)
w M
bp
D
HE
E
Z
e
c
v M A
X
A
y
1
7
14
8
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
MO-150
pin 1 index
0
2.5
5 mm
scale
SSOP14: plastic shrink small outline package; 14 leads; body width 5.3 mm
SOT337-1
A
max.
2


Número de pieza similar - 74HC08D-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74HC08D-Q100 NEXPERIA-74HC08D-Q100 Datasheet
207Kb / 15P
   Quad 2-input AND gate
More results

Descripción similar - 74HC08D-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHENZHEN FUMAN ELECTRON...
74HC04 FUMAN-74HC04 Datasheet
622Kb / 18P
   Complies with JEDEC standard no. 8 1A
logo
NXP Semiconductors
HEF40175B NXP-HEF40175B_11 Datasheet
152Kb / 15P
   Quad D-type flip-flop Complies with JEDEC standard JESD 13-B
Rev. 7-3 May 2011
logo
AAEON Technology
DISKONMODULE AAEON-DISKONMODULE Datasheet
589Kb / 1P
   Complies With Standard ATA Interface
logo
Laird Tech Smart Techno...
ESP-100-POE LSTD-ESP-100-POE Datasheet
362Kb / 2P
   Complies with IEC 61643-21 standard
logo
ATMEL Corporation
AT27BV4096 ATMEL-AT27BV4096_14 Datasheet
324Kb / 14P
   Pin Compatible with JEDEC Standard AT27C4096
logo
GSI Technology
GS8672D20BE-633 GSI-GS8672D20BE-633 Datasheet
483Kb / 30P
   JEDEC-standard package
logo
Alliance Semiconductor ...
2GB-AUTO-AS4C128M16D3 ALSC-2GB-AUTO-AS4C128M16D3 Datasheet
2Mb / 83P
   JEDEC Standard Compliant
AS4C64M16D2 ALSC-AS4C64M16D2 Datasheet
1Mb / 58P
   JEDEC Standard Compliant
logo
GSI Technology
GS8672D20BGE-450 GSI-GS8672D20BGE-450 Datasheet
483Kb / 30P
   JEDEC-standard package
GS8672Q20BGE-500I GSI-GS8672Q20BGE-500I Datasheet
457Kb / 28P
   JEDEC-standard package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com