Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-520K-300 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

No. de pieza HCPL-520K-300
Descripción Electrónicos  Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-520K-300 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-520K-300 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-520K-300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-520K-300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-520K-300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-520K-300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-520K-300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-520K-300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-520K-300 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-520K-300 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Electrical Characteristics Single Channel Product Only
TA = -55°C to +125°C, 4.5 V ≤ VCC ≤ 20 V, 2 mA ≤ IF (ON) ≤ 8 mA, 0 V ≤ VF(OFF) ≤ 0.8 V, 2.0 V
≤ V
EH ≤ 20 V, 0 V ≤ VEL ≤ 0.8 V, unless otherwise specified.
Group A[11]
Limits
Parameter
Sym.
Test Conditions
Subgroups
Min.
Typ.*
Max. Units
Fig.
Notes
High Impedance State
IOZL
VO = 0.4 V
VEN = 2 V,
1, 2, 3
-20
µA
Output Current
VF = 0 V
VO = 2.4 V
20
µA
IOZH
VO = 5.5 V
1, 2, 3
100
VO = 20 V
500
Logic High Enable
VEH
1, 2, 3
2.0
V
Voltage
Logic Low Enable
VEL
1, 2, 3
0.8
V
Voltage
Logic High Enable
VEN = 2.7 V
20
µA
IEH
VEN = 5.5 V
1, 2, 3
100
VEN = 20 V
0.004
250
Logic Low Enable
IEL
VEN = 0.4 V
1, 2, 3
-0.32
mA
Current
VEN = 2 V,
IF = 8 mA
*All typical values are at VCC = 5 V, TA = 25°C, IF(ON) = 5 mA unless otherwise specified.
Typical Characteristics
All typical values are at TA = 25°C, VCC = 5 V, IF(ON) = 5 mA unless otherwise specified.
Parameter
Symbol
Typ.
Units
Test Conditions
Fig.
Notes
Input Current Hysteresis
IHYS
0.07
mA
VCC = 5 V
3
2
∆V
F
Input Diode Temperature Coefficient
––––
-1.25
mV/
°CI
F = 8 mA
2
∆T
A
Resistance (Input-Output)
RI-O
1013
VI-O = 500 Vdc
2, 8
Capacitance (Input-Output)
CI-O
2.0
pF
f = 1 MHz
2, 8
Input Capacitance
CIN
20
pF
VF = 0 V, f = 1 MHz
2, 10
Output Rise Time (10-90%)
tr
45
ns
5, 7
2
Output Fall Time (90-10%)
tf
10
ns
5, 7
2
Current


Número de pieza similar - HCPL-520K-300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520K AVAGO-HCPL-520K Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
More results

Descripción similar - HCPL-520K-300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520X AVAGO-HCPL-520X Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-675X HP-HCPL-675X Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com