Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HLMP-1385 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

No. de Pieza. HLMP-1385
Descripción  T-1 (3 mm) Diffused LED Lamps
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo 

HLMP-1385 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1-138
T-1 Yellow Diffused Lamps
Figure 10. Maximum Tolerable Peak
Current vs. Pulse Duration. (IDC MAX
as per MAX Ratings).
Figure 11. Relative Luminous Intensity vs. Angular Displacement.
Figure 7. Forward Current vs.
Forward Voltage Characteristics.
Figure 8. Relative Luminous Intensity
vs. Forward Current.
Figure 9. Relative Efficiency
(Luminous Intensity per Unit Current)
vs. Peak Current.


Html Pages

1  2  3  4  5  6 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
CMD6153T-1 3/4 Diffused LED Lamps 1 Chicago Miniature Lamp,inc
CMD5153T-1 3/4 Diffused LED Lamps 1 Chicago Miniature Lamp,inc
HLMP-3301T-1 3/4 5 mm Diffused LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMP-1301T-1 3 mm Diffused LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MV5094ABIPOLAR T-1 3/4 5mm LED LAMP - DIFFUSED 1 2 3 4 Fairchild Semiconductor
MVL-544UGT-1 3/4 f 5mm HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology
MVL-5A4UOLT-1 3/4 f 5mm PACKAGE HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology
CMD50640T-100 T-1 Diffused Lens LED Lamps 1 Chicago Miniature Lamp,inc
MVL-544UOLT-1 3/4 f5mm HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology
MVL-5A4UYLT-1 3/4 f 5mm PACKAGE HIGH POWER AlInGaP LED LAMPs 1 2 Unity Opto Technology

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn