Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5640 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FAN5640
Descripción Electrónicos  FAN5640 Dual High-Side Constant Current Source for High-Voltage Keypad LED Illumination
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5640 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN5640 Datasheet HTML 1Page - Fairchild Semiconductor FAN5640 Datasheet HTML 2Page - Fairchild Semiconductor FAN5640 Datasheet HTML 3Page - Fairchild Semiconductor FAN5640 Datasheet HTML 4Page - Fairchild Semiconductor FAN5640 Datasheet HTML 5Page - Fairchild Semiconductor FAN5640 Datasheet HTML 6Page - Fairchild Semiconductor FAN5640 Datasheet HTML 7Page - Fairchild Semiconductor FAN5640 Datasheet HTML 8Page - Fairchild Semiconductor FAN5640 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
March 2012
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5640 • Rev. 1.0.2
FAN5640 — Dual High-Side Constant Current Source
for High-Voltage Keypad LED Illumination
Features
20V Maximum Driver Input Level
Dual Output
25mA Drive Capability per Channel
Two Strings of 2-4 LEDs Each
External Resistor Sets Maximum Current
Fast Turn-On/Off Capability
Low Bias Current
SC70-6 Package
Thermal Shutdown Protection
Applications
Keypad Illumination
Main Display and Sub-Display Illumination
Cell Phones, Smart Phones
Pocket PCs
PDA, DSC, PMP, and MP3 Players
Description
The FAN5640 is designed to illuminate one or two strings
of keypad LEDs with constant high-side current sources.
The device can drive up to four white LEDs in series at a
maximum current of 25mA per channel. If the second
channel is not needed, the channels can be tied
together to boost output current up to 50mA.
An external resistor programs the maximum output
current. Dimming can be accomplished by pulse width
modulation of the enable pin or the input supply rail.
Figure 1. Typical Application
Ordering Information
Part Number
Operating Temperature Range
Package
Packing Method
FAN5640S7X
-40°C to 85°C
SC70-6 2x2.2mm
Tape and Reel


Número de pieza similar - FAN5640

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5645 FAIRCHILD-FAN5645 Datasheet
352Kb / 10P
   Indicator LED Blinker with Single-Wire Interface
FAN5645MPX FAIRCHILD-FAN5645MPX Datasheet
352Kb / 10P
   Indicator LED Blinker with Single-Wire Interface
FAN5646 FAIRCHILD-FAN5646 Datasheet
398Kb / 2P
   Programmable Indicator ?쏶oft??LED Blinker with TinyWire??Single-Wire Interface
FAN5646S700X FAIRCHILD-FAN5646S700X Datasheet
398Kb / 2P
   Programmable Indicator ?쏶oft??LED Blinker with TinyWire??Single-Wire Interface
FAN5646S700X FAIRCHILD-FAN5646S700X_11 Datasheet
554Kb / 4P
   Programmable Indicator ?쏶oft??LED Blinker with TinyWire??Single-Wire Interface
More results

Descripción similar - FAN5640

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lumileds Lighting Compa...
LXH8-FW27-Y LUMILEDS-LXH8-FW27-Y Datasheet
1Mb / 2P
   High-Efficacy, Illumination Grade LED light source
LXH7-FW30 LUMILEDS-LXH7-FW30 Datasheet
1Mb / 19P
   High-Efficacy, Illumination Grade LED light source
logo
ON Semiconductor
AND8109 ONSEMI-AND8109 Datasheet
32Kb / 2P
   LED CONSTANT CURRENT SOURCE SCHEME
January, 2003 ??Rev. 0
NCP1360 ONSEMI-NCP1360_V01 Datasheet
1Mb / 31P
   Low Power Offline Constant Current & Constant Voltage Primary Side PWM Current-Mode Controller with/without High Voltage Startup Current Source
March, 2022 - Rev. 8
logo
Suzhou Juyuan Microelec...
PL3536 PMICRO-PL3536 Datasheet
278Kb / 8P
   High-precision constant voltage/constant current, primary side control
V1.0
logo
NXP Semiconductors
PSSI2021SAY PHILIPS-PSSI2021SAY Datasheet
51Kb / 8P
   Constant current source
2001 May 07
logo
Infineon Technologies A...
TLD2311EL INFINEON-TLD2311EL Datasheet
1Mb / 34P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1314EL INFINEON-TLD1314EL Datasheet
1Mb / 29P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD2314EL INFINEON-TLD2314EL Datasheet
1Mb / 31P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1124EL INFINEON-TLD1124EL Datasheet
1Mb / 29P
   1 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com