Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8425V7 Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza TDA8425V7
Descripción Electrónicos  Hi-fi stereo audio processor; I2C-bus
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8425V7 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8425V7 Datasheet HTML 1Page - NXP Semiconductors TDA8425V7 Datasheet HTML 2Page - NXP Semiconductors TDA8425V7 Datasheet HTML 3Page - NXP Semiconductors TDA8425V7 Datasheet HTML 4Page - NXP Semiconductors TDA8425V7 Datasheet HTML 5Page - NXP Semiconductors TDA8425V7 Datasheet HTML 6Page - NXP Semiconductors TDA8425V7 Datasheet HTML 7Page - NXP Semiconductors TDA8425V7 Datasheet HTML 8Page - NXP Semiconductors TDA8425V7 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
October 1988
5
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
TDA8425
Bass control
The bass control stage can be switched from an emphasis of 15 dB to an attenuation of 12 dB for low frequencies in
steps of 3 dB.
Treble control
The treble control stage can be switched from +12 dB to
−12 dB in steps of 3 dB.
Bias and power supply
The TDA8425 includes a bias and power supply stage, which generates a voltage of 0.5
× V
CC with a low output
impedance and injector currents for the logic part.
Power-on reset
The on-chip power-on reset circuit sets the mute bit to active, which mutes both parts of the treble amplifier. The muting
can be switched by transmission of the mute bit.
I2C-bus receiver and data handling
Bus specification
The TDA8425 is controlled via the 2-wire I2C-bus by a microcomputer.
The two wires (SDA
− serial data, SCL − serial clock) carry information between the devices connected to the bus. Both
SDA and SCL are bidirectional lines, connected to a positive supply voltage via a pull up resistor.
When the bus is free both lines are HIGH.
The data on the SDA line must be stable during the HIGH period of the clock. The HIGH or LOW state of the data line
can only change when the clock signal on the SCL line is LOW. The set up and hold times are specified in AC
CHARACTERISTICS.
A HIGH-to-LOW transition of the SDA line while SCL is HIGH is defined as a start condition.
A LOW-to-HIGH transition of the SDA line while SCL is HIGH is defined as a stop condition.
The bus receiver will be reset by the reception of a start condition. The bus is considered to be busy after the start
condition.
The bus is considered to be free again after a stop condition.
Module address
Data transmission to the TDA8425 starts with the module address MAD.
Fig.3 TDA8425 module address.


Número de pieza similar - TDA8425V7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
More results

Descripción similar - TDA8425V7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8424 PHILIPS-TDA8424 Datasheet
254Kb / 23P
   Hi-Fi stereo audio processor; I2C-bus
September 1992
TDA8421 PHILIPS-TDA8421 Datasheet
294Kb / 26P
   Hi-fi stereo audio processor; I2C bus
May 1988
TDA8426 PHILIPS-TDA8426 Datasheet
269Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
March 1991
TDA9615H PHILIPS-TDA9615H Datasheet
263Kb / 44P
   Audio processor for VHS hi-fi
1997 Jun 16
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
TDA9859H NXP-TDA9859H Datasheet
108Kb / 24P
   Universal hi-fi audio processor for TV
2001 Jul 11
logo
Rohm
BH7802K ROHM-BH7802K Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
BH7800K ROHM-BH7800K Datasheet
174Kb / 13P
   Single chip Hi-Fi audio signal processor
BH7801BK ROHM-BH7801BK Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com