Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP181 Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza TLP181
Descripción Electrónicos  TOSHIBA Photocoupler GaAs Ired Photo?뭈ransistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP181 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP181 Datasheet HTML 1Page - Toshiba Semiconductor TLP181 Datasheet HTML 2Page - Toshiba Semiconductor TLP181 Datasheet HTML 3Page - Toshiba Semiconductor TLP181 Datasheet HTML 4Page - Toshiba Semiconductor TLP181 Datasheet HTML 5Page - Toshiba Semiconductor TLP181 Datasheet HTML 6Page - Toshiba Semiconductor TLP181 Datasheet HTML 7Page - Toshiba Semiconductor TLP181 Datasheet HTML 8Page - Toshiba Semiconductor TLP181 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TLP181
2009-11-12
5
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Rise time
tr
2
Fall time
tf
3
Turn
−on time
ton
3
Turn
−off time
toff
VCC = 10 V, IC = 2 mA
RL = 100Ω
3
μs
Turn
−on time
tON
2
Storage time
ts
25
Turn
−off time
tOFF
RL = 1.9 kΩ
(Fig.1)
VCC = 5 V, IF = 16 mA
40
μs
Fig. 1
Switching time test circuit
tOFF
tON
VCE
IF
tS
4.5V
0.5V
IF
VCC
RL
VCE


Número de pieza similar - TLP181

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP181 TOSHIBA-TLP181 Datasheet
359Kb / 8P
   GaAs IRED and PHOTO-TRANSISTOR
TLP181 TOSHIBA-TLP181 Datasheet
152Kb / 9P
   GaAs Ired and Photo−Transistor
TLP181 TOSHIBA-TLP181 Datasheet
173Kb / 9P
   Photocoupler GaAs Ired & Photo−Transistor
TLP181 TOSHIBA-TLP181 Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181 TOSHIBA-TLP181 Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
More results

Descripción similar - TLP181

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP280GB-TPF TOSHIBA-TLP280GB-TPF Datasheet
210Kb / 9P
   TOSHIBA Photocoupler GaAs Ired Photo?뭈ransistor
TLP127TPRUF TOSHIBA-TLP127TPRUF Datasheet
164Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo?뭈ransistor
TLP284 TOSHIBA-TLP284 Datasheet
390Kb / 16P
   TOSHIBA Photocoupler GaAs Ired & Photo?뭈ransistor
TLP504A-2GB TOSHIBA-TLP504A-2GB Datasheet
210Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo?뭈ransistor
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP176A TOSHIBA-TLP176A Datasheet
273Kb / 6P
   TOSHIBA PHOTOCOUPLER GAAS IRED & PHOTO MOSFET
TLP741G TOSHIBA-TLP741G Datasheet
507Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com