Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KF100-2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
KF100-2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 6 page KF-100 HANDHELD KEYFOB ENCLOSURE -Page 2- PRELIMINAR Y Description: Contact Information Radios, Inc. 1408 Center Avenue Oostburg, WI 53070 Phone: 920-564-6622 Fax: 920-564-6630 Email: sales@radiosinc.com Typical Enclosure Applications: Remote controls Garage openers / Gate controls Keyless entry Home / Industrial automation Remote access Design Recommendations: 1.75” x 1.24” x .062” PCB Top of LED should be .35” above PCB Keystone Battery clips: 230-1 for 12 volt, 3002 for coin cell Push Button: Mountain Switch #101-0134-EV Product Ordering: Domestic / Commercial security Automated resource management Fire / Security alarms Long-range RFID General wire elimination 0 Clear 1 Black 2 Red 3 Blue 4 Yellow KF100 - The KF-100 is a one, two or three button handheld keyfob enclosure molded from high im- pact ABS in a variety of colors. It is designed for use with the KFB-100 series buttons. The enclo- sure can accomodate a 12 volt battery or a 20mm coin cell. |
Número de pieza similar - KF100-2 |
|
Descripción similar - KF100-2 |