Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


2SC3058_2014 Datasheet(Hoja de datos) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No. de Pieza. 2SC3058_2014
Descripción  Silicon NPN Power Transistors
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Página de inicio  http://www.jmnic.com
Logo 

   
 1 page
background image
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
2SC3058
DESCRIPTION
・With TO-3 package
・High voltage ,high speed
APPLICATIONS
・For switching regulator and DC/DC
converter applications
PINNING (See Fig.2)
PIN
DESCRIPTION
1
Base
2
Emitter
3
Collector
Absolute maximum ratings(Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
600
V
VCEO
Collector-emitter voltage
Open base
400
V
VEBO
Emitter-base voltage
Open collector
7
V
IC
Collector current
30
A
PT
Total power dissipation
TC=25℃
200
W
Tj
Junction temperature
200
Tstg
Storage temperature
-65~200
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-mb
Thermal resistance from junction to mounting base
1.0
℃/W
Fig.1 simplified outline (TO-3) and symbol




Html Pages

1  2  3 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl